Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UC5350 Datasheet(PDF) 1 Page - Texas Instruments

Part # UC5350
Description  CAN Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC5350 Datasheet(HTML) 1 Page - Texas Instruments

  UC5350 Datasheet HTML 1Page - Texas Instruments UC5350 Datasheet HTML 2Page - Texas Instruments UC5350 Datasheet HTML 3Page - Texas Instruments UC5350 Datasheet HTML 4Page - Texas Instruments UC5350 Datasheet HTML 5Page - Texas Instruments UC5350 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UC5350
PRELIMINARY
SLUS258A - MARCH 2000
BLOCK DIAGRAM
FEATURES
Pin Compatible with PCA82C250
and DeviceNet, SDS, ISO11898
Compatible
High Speed, up to 1Mbps
Differential Transmit to the Bus and
Receive from the Bus to the CAN
Controller
At Least 110 Nodes Can Be
Connected
100V Transient Protection on the
Transmit Output
24V Supply Cross Wire Protection
on CANH and CANL
No Bus Loading When Powered
Down
Operates over –40°C to +85°C
Unitrode DeviceNet ID#107
CAN Transceiver
UDG-96202
DESCRIPTION
The UC5350 Control Area Network Transceiver is designed for industrial
applications employing the CAN serial communications physical layer
per ISO 11898 standard. The device is a high speed transceiver de-
signed for use up to 1Mbps. Especially designed for hostile environ-
ments, this device features cross wire, loss of ground, over voltage, and
over temperature protections well as a wide common mode range.
The transceiver interfaces the single ended CAN controller with the dif-
ferential CAN bus found in industrial and automotive applications. It op-
erates over the –7V to +12V common mode range of the bus and will
withstand common mode transients of –25V to +18V as well as Schaff-
ner tests. Performance features include high differential input imped-
ance, a symmetrical differential signal driver and very low propogation
delay that improves bus bandwidth and length by reducing reflection and
distortion.
The transceiver operates over a wide temperature range, –40°C to
+85°C and is available in 8-pin SOIC and Dual-in-Line packages.
Inputs
System Mode
Output Mode
Outputs
TXD
RS
VCANH -VCANL
RXD
0
0
High Speed
Dominant
1.5V to 3V
0
1
0
High Speed
Recessive
–120mV to +12mV
1
High Z
0
High Speed
Recessive
–120mV to +12mV
1
X
1
Standby
High Z
0 at Bus = Dominant
1 at Bus = Recessive
FUNCTIONAL TABLE (VCC = 4.5V to 5.5V)


Similar Part No. - UC5350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC5350 TI1-UC5350 Datasheet
206Kb / 9P
CAN TRANSCEIVER
UC5350D TI1-UC5350D Datasheet
206Kb / 9P
CAN TRANSCEIVER
UC5350DTR TI1-UC5350DTR Datasheet
206Kb / 9P
CAN TRANSCEIVER
UC5350J TI1-UC5350J Datasheet
206Kb / 9P
CAN TRANSCEIVER
UC5350N TI1-UC5350N Datasheet
206Kb / 9P
CAN TRANSCEIVER
More results

Similar Description - UC5350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251 Datasheet
390Kb / 19P
CAN TRANSCEIVER
logo
Infineon Technologies A...
TLE6250 INFINEON-TLE6250 Datasheet
615Kb / 27P
CAN-Transceiver
Version 3.4 2002-10-08
logo
Renesas Technology Corp
HA13721RP RENESAS-HA13721RP Datasheet
114Kb / 9P
CAN Transceiver
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251_06 Datasheet
378Kb / 19P
CAN TRANSCEIVER
SN65HVD251 TI-SN65HVD251_07 Datasheet
528Kb / 21P
CAN TRANSCEIVER
SN65HVD251 TI-SN65HVD251_08 Datasheet
557Kb / 21P
CAN TRANSCEIVER
SN65HVD251-Q1 TI1-SN65HVD251-Q1 Datasheet
349Kb / 20P
CAN TRANSCEIVER
logo
Renesas Technology Corp
HA13721RP RENESAS-HA13721RP_15 Datasheet
139Kb / 11P
CAN Transceiver
logo
Texas Instruments
UC5350 TI1-UC5350_09 Datasheet
206Kb / 9P
CAN TRANSCEIVER
logo
Holt Integrated Circuit...
HI-3001 HOLTIC-HI-3001 Datasheet
87Kb / 13P
1Mbps Avionics CAN Transceiver 1Mbps Avionics CAN Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com