Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CY7C025-35AI Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # CY7C025-35AI
Description  4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C025-35AI Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button CY7C025-35AI Datasheet HTML 12Page - Cypress Semiconductor CY7C025-35AI Datasheet HTML 13Page - Cypress Semiconductor CY7C025-35AI Datasheet HTML 14Page - Cypress Semiconductor CY7C025-35AI Datasheet HTML 15Page - Cypress Semiconductor CY7C025-35AI Datasheet HTML 16Page - Cypress Semiconductor CY7C025-35AI Datasheet HTML 17Page - Cypress Semiconductor CY7C025-35AI Datasheet HTML 18Page - Cypress Semiconductor CY7C025-35AI Datasheet HTML 19Page - Cypress Semiconductor CY7C025-35AI Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
CY7C024/024A/0241
CY7C025/0251
Document #: 38-06035 Rev. *D
Page 16 of 21
Figure 15. Interrupt Timing Diagrams
Notes
43. tHA depends on which enable pin (CEL or R/WL) is deasserted first.
44. tINS or tINR depends on which enable pin (CEL or R/WL) is asserted last.
Switching Waveforms (continued)
WRITE FFF (1FFF CY7C025)
tWC
Right Side Clears INTR :
tHA
READ FFF
tRC
tINR
WRITE FFE (1FFE CY7C025)
tWC
Right Side Sets INTL:
Left Side Sets INTR :
Left Side Clears INT L:
READ FFE
tINR
tRC
ADDRESSR
CE L
R/W L
INT L
OE L
ADDRESSR
R/WR
CE R
INTL
ADDRESSR
CER
R/WR
INTR
OE R
ADDRESSL
R/WL
CE L
INTR
tINS
tHA
tINS
(1FFF CY7C025)
(1FFE CY7C025)
[43]
[44]
[44]
[44]
[43]
[44]
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com