Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTM4615IV Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4615IV
Description  Triple Output, Low Voltage DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615IV Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4615IV Datasheet HTML 9Page - Linear Technology LTM4615IV Datasheet HTML 10Page - Linear Technology LTM4615IV Datasheet HTML 11Page - Linear Technology LTM4615IV Datasheet HTML 12Page - Linear Technology LTM4615IV Datasheet HTML 13Page - Linear Technology LTM4615IV Datasheet HTML 14Page - Linear Technology LTM4615IV Datasheet HTML 15Page - Linear Technology LTM4615IV Datasheet HTML 16Page - Linear Technology LTM4615IV Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTM4615
13
4615f
APPLICATIONS INFORMATION
TRACK1 is the track ramp applied to the slave’s track pin.
TRACK1 applies the track reference for the slave output up
to the point of the programmed value at which TRACK1
proceeds beyond the 0.8V reference value. The TRACK1
pin must go beyond the 0.8V to ensure the slave output
has reached its final value.
Ratiometric tracking can be achieved by a few simple
calculations and the slew rate value applied to the master’s
TRACK pin. As mentioned above, the TRACK pin has a
control range from 0V to 0.8V. The control ramp slew rate
applied to the master’s TRACK pin is directly equal to the
master’s output slew rate in Volts/Time.
The equation:
MR
SR
kRTB
•.
499
=
where MR is the master’s output slew rate and SR is the
slave’s output slew rate in Volts/Time. When coincident
tracking is desired, then MR and SR are equal, thus RTB
is equal to 4.99k. RTA is derived from equation:
R
V
V
k
V
R
V
R
TA
FB
FB
FB
TRACK
TB
=
+
08
499
.
.
where VFB is the feedback voltage reference of the regula-
tor, and VTRACK is 0.8V. Since RTB is equal to the 4.99k top
feedback resistor of the slave regulator in equal slew rate
or coincident tracking, then RTA is equal to RFB with VFB =
VTRACK. Therefore RTB = 4.99k and RTA = 10k in Figure 2.
Figure 3. Output Voltage Coincident Tracking
Figure 3 shows the output voltage tracking waveform for
coincident tracking.
In ratiometric tracking, a different slew rate maybe desired
for the slave regulator. RTB can be solved for when SR is
slower than MR. Make sure that the slave supply slew rate
is chosen to be fast enough so that the slave output voltage
will reach it final value before the master output.
For example, MR = 2.5V/ms and SR = 1.8V/1ms. Then
RTB = 6.98k. Solve for RTA to equal to 3.24k. The master
output must be greater than the slave output for the
tracking to work. Output load current must be present
for tracking to operate properly during power-down.
Power Good
PGOOD1 and PGOOD2 are open-drain pins that can be
used to monitor valid output voltage regulation. These pins
monitor a ±7.5% window around the regulation point.
COMP Pin
This pin is the external compensation pin. The module has
already been internally compensated for all output voltages.
Table 4 is provided for most application requirements. The
Linear Technology μModule Power Design Tool will be
provided for other control loop optimization. The COMP
pins must be tied together in parallel operation.
Parallel Switching Regulator Operation
The LTM4615 switching regulators are inherently current
mode control. Paralleling will have very good current
sharing. This will balance the thermals on the design.
Figure 13 shows a schematic of a parallel design. The
voltage feedback equation changes with the variable N
as channels are paralleled.
The equation:
VV
k
N
R
R
OUT
FB
FB
=
+
08
499
.•
.
N is the number of paralleled channels.
TIME
MASTER OUTPUT
SLAVE OUTPUT
4615 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com