Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

60120B Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # 60120B
Description  Flat surface combination pH electrode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

60120B Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  60120B Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
601XXX V1.3 11/01
pH Electrodes Instruction Sheet
Models 601100, 601500 and 60120B
Electrode Specifications
Model number
601100
60120B
601500
Description
Flat surface combination pH
electrode with gelled reference
solution
Mini combination pH electrode with
sealed gelled reference filling
solution and detachable bulb guard
General-purpose combination pH
electrode with sealed gelled reference
filling solution and detachable bulb guard
Dimensions
15 x 115 mm
10 x 126 mm
12.5 x 155 mm
Construction material
Polymer housing, flat glass bulb
Polymer housing, glass bulb
Polymer housing, glass bulb
Measuring range
0 to 14.0 pH units
0 to 14.0 pH units
0 to 14.0 pH units
Temp. range
0-80
oC
0-80
oC
0-80
oC
Reference junction
Teflon
Ceramic
Ceramic
Reference type
Ag/AgCl (silver silver chloride)
Ag/AgCl (silver silver chloride)
Ag/AgCl (silver silver chloride)
Isopotential point
~7.0 pH
~7.0 pH
~7.0 pH
Precision
0.02 pH units
0.02 pH units
0.02 pH units
Connector
BNC
BNC
BNC
Cable length
1 meter (39”)
1 meter (39”)
1 meter (39”)
Storage container
Bottle
Cap
Bottle
General Electrode Procedure
1.
To avoid damage to the electrode when removing it from or
inserting it into the soaking bottle;
a)
Unscrew the bottle cap.
b)
Remove the electrode and cap from the bottle.
c)
Slide the cap off the electrode.
d)
Reverse this procedure when storing the electrode.
2.
Rinse the electrode with deionized or distilled water.
3.
Carefully shake electrode to ensure that any air bubbles in the
bulb or lower stem of the electrode are dislodged upwards.
4.
Blot electrode with tissue.
5.
Connect electrode to pH meter and follow the pH meter
manufacturer’s instruction for calibration.
Before Measurement
1.
Generally, the sample should be aqueous and fall within the
range 0 – 14 pH
2.
Always use fresh buffers for calibration. Choose buffers that are
no more than 3 pH units apart.
3.
To obtain the maximum precision, always buffer as close as
possible to the expected measured value.
4.
Between measurements, rinse electrodes with distilled water and
then with the next solution to be measured.
5.
Stir all buffers and samples.
6.
Avoid rubbing or wiping electrode bulb in order to reduce the
chance of error due to polarization.
pH Calibration and Measurement
Refer to the owner’s guide from the manufacturer of the pH meter
being used for detailed information regarding calibration and
temperature compensation procedures.
Two-Buffer Calibration (for high precision measurements)
1.
Set up the pH meter according to the manufacturer’s instruction
manual.
2.
Ensure that all buffers are at the same temperature (+/- 2
oC.) If
samples are at varying temperatures, temperature compensation
is recommended. (See pH meter instruction manual.)
3.
Select two buffers that bracket the expected pH value. The first
should be near the electrode isopotential point (pH 7) and the
second near the expected pH of the sample. (e.g., pH 4 or 10.)
4.
Rinse the electrode first with distilled water and then with pH 7
buffer. Place the electrode in the pH 7 buffer.
5.
Wait for a stable pH 7 reading. Set the pH meter to the pH value
of the buffer at its measured temperature.
6.
Rinse the electrode first with distilled water and then with the
second buffer. Place the electrode in the second buffer.
7.
Wait for a stable display. Set the pH meter to the pH value of the
buffer at its measured temperature.
8.
Calibration is complete. Proceed to pH measurement
Single-Buffer Calibration (for lower precision measurements)
1.
Set up the pH meter according to the manufacturer’s instruction
manual.
2.
Choose a buffer that has a value close to the expected pH of the
sample.
3.
Rinse the electrode first in distilled water and then in the buffer
being used for calibration. Place the electrode in the buffer.
4.
Wait for a stable display. Set the pH meter to the pH value of the
buffer at its measured temperature.
5.
Proceed to pH measurement
pH Measurement
1.
Calibrate the electrode as described in previous section.
2.
Rinse the electrode with distilled water and then with the sample
solution.
3.
Place the electrode in the sample.
4.
Stir the sample.
5.
When the reading is stable, record the pH value.
Electrode Storage and Maintenance
Electrode Storage
1.
Electrodes 601100 and 601500
Store in the soaking bottle. The soaking solution should be 22.4g
KCl dissolved in 100ml pH4 buffer solution or 25g KCl dissolved
in 100ml pure water.
2.
Electrode 60120B
Store with wetting cap kept damp with pH4 buffer or, alternatively,
store in a soaking solution.
Electrode Maintenance
3.
Inspect the electrode for scratches, cracks, salt crystal build-up,
or membrane/junction deposits.
4.
Rinse off any salt build-up with distilled water, and remove any
membrane/junction deposits as directed in cleaning procedures
below.
5.
Drain the reference chamber, flush it with fresh filling solution and
refill the chamber
Cleaning Procedures
Soak in mild detergent or dilute 0.1M HCl for 30 minutes
Electrode Reconditioning
If the electrode has been allowed to dry for any period of time it
may require reconditioning. Soak the electrode in a pH 4 buffer
solution for at least 20 minutes. Depending on the dryness of the
reference junction, this reconditioning process may require up to a
24 hour soaking period in order to obtain accurate pH readings.
Warranty
EXTECH INSTRUMENTS CORPORATION warrants this instrument to be free
of defects in parts and workmanship for one year from date of shipment (a six
month limited warranty applies on sensors and cables). If it should become
necessary to return the instrument for service during or beyond the warranty
period, contact the Customer Service Department at (781) 890-7440 ext. 210 for
authorization or visit our website at www.extech.com (click on ‘Contact Extech’
and go to ‘Service Department’ to request an RA number). A Return
Authorization (RA) number must be issued before any product is returned to
Extech. The sender is responsible for shipping charges, freight, insurance and
proper packaging to prevent damage in transit. This warranty does not apply to
defects resulting from action of the user such as misuse, improper wiring,
operation outside of specification, improper maintenance or repair, or
unauthorized modification. Extech specifically disclaims any implied warranties
or merchantability or fitness for a specific purpose and will not be liable for any
direct, indirect, incidental or consequential damages. Extech's total liability is
limited to repair or replacement of the product. The warranty set forth above is
inclusive and no other warranty, whether written or oral, is expressed or implied.


Similar Part No. - 60120B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
60120 ETC2-60120 Datasheet
206Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
logo
Presto International UK...
60120 PRESTO-60120 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
SICK AG
6012062 SICK-6012062 Datasheet
403Kb / 6P
FORK SENSORS
logo
Anaren Microwave
60120A25X50-2 ANAREN-60120A25X50-2 Datasheet
86Kb / 2P
RoHS Compliant
More results

Similar Description - 60120B

ManufacturerPart #DatasheetDescription
logo
Rohm
TC_M ROHM-TC_M Datasheet
169Kb / 7P
Chip tantalum capacitors (Bottom surface electrode type)
TCT_AS ROHM-TCT_AS Datasheet
169Kb / 7P
Chip tantalum capacitors (Bottom surface electrode type)
TCT_PL ROHM-TCT_PL Datasheet
176Kb / 7P
Chip tantalum capacitors (Bottom surface electrode type)
logo
Ferroxcube Internationa...
PH14 FERROXCUBE-PH14 Datasheet
41Kb / 3P
PH cores
logo
Rohm
TCT_U ROHM-TCT_U Datasheet
154Kb / 6P
Chip tantalum capacitors (Bottom surface electrode type)
TC_M_0911 ROHM-TC_M_0911 Datasheet
170Kb / 7P
Chip tantalum capacitors (Bottom surface electrode type)
logo
HuaXinAn Electronics CO...
3R75S HUAXINAN-3R75S Datasheet
146Kb / 1P
3-Electrode Surface Mounted Gas Discharge Tubes
logo
Shanghai Leiditech Elec...
SMD5050-090 LEIDITECH-SMD5050-090 Datasheet
3Mb / 4P
Surface Mount 2-Electrode gas Discharge Tube
logo
List of Unclassifed Man...
SEN0161 ETC1-SEN0161 Datasheet
199Kb / 1P
PH composite electrode manual
logo
Endress+Hauser Group Se...
CPF201 EH-CPF201 Datasheet
1Mb / 8P
Compact electrode for pH measurement in pure and ultrapure water
06.03
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com