Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ML720 Datasheet(PDF) 10 Page - Extech Instruments Corporation.

Part # ML720
Description  MultiLog Digital MultiMeter With built-in Datalogger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

ML720 Datasheet(HTML) 10 Page - Extech Instruments Corporation.

Back Button ML720 Datasheet HTML 6Page - Extech Instruments Corporation. ML720 Datasheet HTML 7Page - Extech Instruments Corporation. ML720 Datasheet HTML 8Page - Extech Instruments Corporation. ML720 Datasheet HTML 9Page - Extech Instruments Corporation. ML720 Datasheet HTML 10Page - Extech Instruments Corporation. ML720 Datasheet HTML 11Page - Extech Instruments Corporation. ML720 Datasheet HTML 12Page - Extech Instruments Corporation. ML720 Datasheet HTML 13Page - Extech Instruments Corporation. ML720 Datasheet HTML 14Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
9
Features
Analog Bargraph display
Visual indication of measurement in the tradition of an analog meter
pointer. The bargraph consists of 52 discrete viewing segments. The
bargraph
is
useful
for
detecting
faulty
contacts,
identifying
potentiometer gradations, and viewing signal spikes.
True RMS vs. Average Sensing (AC Measurements)
True RMS meters can accurately measure non-sinusoidal waveforms,
as well as distorted sine waves that contain harmonics. Average
Sensing is a fast, accurate and cost effective method of measuring
pure sine wave signals. However, non-sinusoidal waveforms cannot
accurately be measured using Average-sensing techniques.
Backlit display
The MultiLog™ is equipped with a backlight for viewing the LCD
display in poorly lit areas.
Data Hold
The HOLD function freezes the reading on the display for later
viewing.
Manual and Automatic Ranging
The MultiLog™ series multimeters are Autoranging, with manual
override.
Smart Power Auto Power Off
Smart Power shuts the meter down automatically after approximately
17 minutes of inactivity.
Audible Beeper
To disable the audible meter tones, press and hold the Hz key while
powering the meter.
Automatic Test Lead Resistance Compensation
Automatically compensates for the resistance of the test leads, as well
as the internal protection circuitry automatically, ensuring greater
accuracy of low resistance measurements.
Datalogging
The MultiLog™ series of multimeters store reading for review on the
LCD display or downloading to a pc using the supplied software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com