Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

APT15F50K Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APT15F50K
Description  N-Channel FREDFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT15F50K Datasheet(HTML) 2 Page - Microsemi Corporation

  APT15F50K Datasheet HTML 1Page - Microsemi Corporation APT15F50K Datasheet HTML 2Page - Microsemi Corporation APT15F50K Datasheet HTML 3Page - Microsemi Corporation APT15F50K Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Static Characteristics
TJ=25°Cunlessotherwisespecified
Dynamic Characteristics
TJ=25°Cunlessotherwisespecified
Source-Drain Diode Characteristics
1 Repetitive Rating: Pulse width and case temperature limited by maximum junction temperature.
2 Starting at T
J = 25°C, L = 12.45mH, RG = 25Ω, IAS = 7A.
3 Pulse test: Pulse Width < 380µs, duty cycle < 2%.
4 C
o(cr) is defined as a fixed capacitance with the same stored charge as COSS with VDS = 67% of V(BR)DSS.
5 C
o(er) is defined as a fixed capacitance with the same stored energy as COSS with VDS = 67% of V(BR)DSS. To calculate Co(er) for any value of
V
DS less than V(BR)DSS, use this equation: Co(er) = -5.22E-8/VDS^2 + 1.21E-8/VDS + 3.48E-11.
6 R
G is external gate resistance, not including internal gate resistance or gate driver impedance. (MIC4452)
Microsemireservestherighttochange,withoutnotice,thespecificationsandinformationcontainedherein.
G
D
S
Unit
V
V/°C
Ω
V
mV/°C
µA
nA
Unit
S
pF
nC
ns
Unit
A
V
ns
µC
A
V/ns
Min
Typ
Max
500
0.60
0.33
0.39
2.5
4
5
-10
250
1000
±100
Min
Typ
Max
15
45
1.0
190
340
0.54
1.27
5.9
7.9
20
Min
Typ
Max
11
2250
30
240
140
70
55
13
26
10
12
26
8
Test Conditions
V
GS = 0V, ID = 250µA
Reference to 25°C, I
D = 250µA
V
GS = 10V, ID = 7A
V
GS = VDS, ID = 0.5mA
V
DS = 500V
T
J = 25°C
V
GS = 0V
T
J = 125°C
V
GS = ±30V
Test Conditions
MOSFET symbol
showing the
integral reverse p-n
junction diode
(body diode)
I
SD = 7A, TJ = 25°C, VGS = 0V
T
J = 25°C
T
J = 125°C
I
SD = 7A
3
T
J = 25°C
V
DD = 100V
T
J = 125°C
di
SD/dt = 100A/µs
T
J = 25°C
T
J = 125°C
I
SD ≤ 7A, di/dt ≤1000A/µs, VDD = 333V,
T
J = 125°C
Test Conditions
V
DS = 50V, ID = 7A
V
GS = 0V, VDS = 25V
f = 1MHz
V
GS = 0V, VDS = 0V to 333V
V
GS = 0 to 10V, ID = 7A,
V
DS = 250V
ResistiveSwitching
V
DD = 333V, ID = 7A
R
G = 10Ω
6
, V
GG = 15V
Parameter
Drain-Source Breakdown Voltage
Breakdown Voltage Temperature Coefficient
Drain-Source On Resistance 3
Gate-Source Threshold Voltage
Threshold Voltage Temperature Coefficient
Zero Gate Voltage Drain Current
Gate-Source Leakage Current
Parameter
Continuous Source Current
(Body Diode)
Pulsed Source Current
(Body Diode) 1
Diode Forward Voltage
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
Peak Recovery dv/dt
Parameter
Forward Transconductance
Input Capacitance
Reverse Transfer Capacitance
Output Capacitance
Effective Output Capacitance, Charge Related
Effective Output Capacitance, Energy Related
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Turn-On Delay Time
Current Rise Time
Turn-Off Delay Time
Current Fall Time
Symbol
V
BR(DSS)
∆V
BR(DSS)/∆TJ
R
DS(on)
V
GS(th)
∆V
GS(th)/∆TJ
I
DSS
I
GSS
Symbol
I
S
I
SM
V
SD
t
rr
Q
rr
I
rrm
dv/dt
Symbol
g
fs
C
iss
C
rss
C
oss
C
o(cr)
4
C
o(er)
5
Q
g
Q
gs
Q
gd
t
d(on)
t
r
t
d(off)
t
f
APT15F50K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com