Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TCT_PL Datasheet(PDF) 5 Page - Rohm

Part # TCT_PL
Description  Chip tantalum capacitors (Bottom surface electrode type)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCT_PL Datasheet(HTML) 5 Page - Rohm

  TCT_PL Datasheet HTML 1Page - Rohm TCT_PL Datasheet HTML 2Page - Rohm TCT_PL Datasheet HTML 3Page - Rohm TCT_PL Datasheet HTML 4Page - Rohm TCT_PL Datasheet HTML 5Page - Rohm TCT_PL Datasheet HTML 6Page - Rohm TCT_PL Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/6
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.04 - Rev.D
Data Sheet
TCT Series PL Case
Item
Performance
Test conditions (JIS C 5101
−1 and JIS C 5101− 3)
Adhesiveness
Dimensions
The terminal should not come off.
As per 4.34 JIS C 5101-1
As per 4.8 JIS C 5101-3
Apply force of 5N in the two directions shown in the figure
below for 10
±1s after mounting the terminal on a circuit board.
Apply force
a circuit board
product
Refer to "External dimensions"
Measure using a caliper of JIS B 7507 Class 2
or higher grade.
Resistance to solvents
The indication should be clear
As per 4.32 JIS C 5101-1
As per 4.18 JIS C 5101-3
Dip in the isopropyl alcohol for 30
±5s, at room
temperature.
Solderability
3/4 or more surface area of the solder coated
terminal dipped in the soldering bath should
be covered with the new solder.
As per 4.15.2 JIS C 5101-1
As per 4.7 JIS C 5101-3
Dip speed=25
±2.5mm / s
Pre-treatment (accelerated aging): Leave
the sample on the boiling distilled water for 1 h.
Solder temp. : 245
±5°C
Duration
: 3
±0.5s
Solder
: M705
Flux
: Rosin 25% IPA 75%
Capacitance
Vibration
Appearance
Measure value should not fluctuate during the
measurement.
There should be no significant abnormality.
As per 4.17 JIS C 5101-1
Frequency : 10 to 55 to 10Hz/min.
Amplitude : 1.5mm
Time : 2h each in X and Y directions
Mounting : The terminal is soldered on a print circuit board.
Standard products list, TCT series
Part No.
Rated
voltage
85
°C
(V)
Category
voltage
125
°C
(V)
Surge
voltage
85
°C
(V)
Cap.
120Hz
(
µF)
Tolerance
(%)
Leakage
current
25
°C
1WV.5min
(
µA)
Df
120Hz
(%)
Impedance
100kHz
=Tolerance (M : ±20%)
33
10.4
47
14.8
2.5
68
18.8
13.6
12.5
100
20.0
TCT PL 0G 107
TCT PL 0G 686
TCT PL 0G 476
TCT PL 1V 105
TCT PL 1E 225
TCT PL 1E 155
TCT PL 1D 475
TCT PL 1D 685
TCT PL 1D 335
TCT PL 1C 106
TCT PL 0J 476
TCT PL 0J 686
TCT PL 0J 336
100
150
1.6
3.3
2.5
1.6
3.3
4
2.5
5.2
4
2.5
5.2
6.3
4
8
6.3
4
8
−55°C
125
°C
25
°C
85
°C
60
30
30
60
40
30
60
40
30
60
40
30
60
40
20
30
30
40
(
Ω)
4
4
4
4
4
4
20
+−
20
+−
20
+−
20
+−
20
+−
2.5
8.5
TCT PL 0E 107
TCT PL 0E 157
TCT PL 0E 686
68
1.6
3.3
60
30
40
4
20
+−
20
+−
9.4
TCT PL 1A 226
TCT PL 1A 336
TCT PL 1A 156
47
4.7
6.8
10
3.3
2.2
1.0
1.5
15
22
68
33
4
2.5
5.2
10
6.3
13
10
6.3
13
16
10
20
20
13
26
20
13
26
20
13
26
25
16
33
25
16
33
35
22
44
6.3
4
8
10
6.3
13
20
30
30
4
1.88
2.72
4.4
3.2
3.0
1.32
30
20
20
30
30
20
30
30
20
30
30
20
30
30
20
30
30
30
8
6
6
1.10
0.70
0.75
20
30
20
30
30
20
30
30
30
8
8
8
6
5
6
21.4
60
30
40
4
16.5
30
60
40
4
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
= Under development



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com