Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2N4117 Datasheet(PDF) 17 Page - RHOPOINT COMPONENTS

Part # 2N4117
Description  N-Channel Silicon Junction Field-Effect Transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

2N4117 Datasheet(HTML) 17 Page - RHOPOINT COMPONENTS

Back Button 2N4117 Datasheet HTML 9Page - RHOPOINT COMPONENTS 2N4117 Datasheet HTML 10Page - RHOPOINT COMPONENTS 2N4117 Datasheet HTML 11Page - RHOPOINT COMPONENTS 2N4117 Datasheet HTML 12Page - RHOPOINT COMPONENTS 2N4117 Datasheet HTML 13Page - RHOPOINT COMPONENTS 2N4117 Datasheet HTML 14Page - RHOPOINT COMPONENTS 2N4117 Datasheet HTML 15Page - RHOPOINT COMPONENTS 2N4117 Datasheet HTML 16Page - RHOPOINT COMPONENTS 2N4117 Datasheet HTML 17Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
01/99
G-7
TO-236AB Package (SOT-23)
Dimensions in Inches (mm)
SOIC-8 Package
Dimensions in Inches (mm)
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
0.098 (2.64)
0.083 (2.10)
0.055 (1.40)
0.047 (1.20)
0.021 (0.54)
0.015 (0.38)
0.0059 (0.15)
0.0035 (0.089)
0.041 (1.12)
0.035 (0.89)
0.079 (2.00)
0.071 (1.80)
0.022 (0.55)
0.017 (0.44)
0.120 (3.05)
0.105 (2.67)
0.004 (0.10)
0.001 (0.02)
0.010 (0.25)
0.005 (0.13)
0.040 (1.02)
0.031 (0.79)
8
°
1
2
3
0.009 (0.23)
0.007 (0.18)
45
°
0.022 (0.56)
0.018 (0.046
0.158 (4.01)
0.150 (3.81)
0.244 (6.20)
0.228 (5.79)
0.050 (1.27)
0.015 (0.37)
Min.
0.018 (0.46
0.014 (0.36)
0.197 (5.00)
0.188 (4.78)
0.059 (1.50)
0.049 (1.24)
0.069 (1.75)
0.053 (1.35)
5
6
7
8
4
3
2
1
Databook.fxp
1/13/99 2:09 PM
Page G-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com