Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SX1212 Datasheet(PDF) 49 Page - Semtech Corporation

Part # SX1212
Description  Ultra-Low Power Integrated 300-510MHz Transceiver
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1212 Datasheet(HTML) 49 Page - Semtech Corporation

Back Button SX1212 Datasheet HTML 45Page - Semtech Corporation SX1212 Datasheet HTML 46Page - Semtech Corporation SX1212 Datasheet HTML 47Page - Semtech Corporation SX1212 Datasheet HTML 48Page - Semtech Corporation SX1212 Datasheet HTML 49Page - Semtech Corporation SX1212 Datasheet HTML 50Page - Semtech Corporation SX1212 Datasheet HTML 51Page - Semtech Corporation SX1212 Datasheet HTML 52Page - Semtech Corporation SX1212 Datasheet HTML 53Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
SX1212
ADVANCED COMMUNICATIONS & SENSING
Rev 2 – June 18th, 2009
Page 49 of 77
www.semtech.com
5.5. Packet Mode
5.5.1. General Description
Similar to Buffered mode operation, in Packet mode the NRZ data to (from) the (de)modulator is not directly
accessed by the uC but stored in the FIFO and accessed via the SPI Data interface.
In addition, the SX1212’s packet handler performs several packet oriented tasks such as Preamble and Sync word
generation, CRC calculation/check, whitening/dewhitening of data, address filtering, etc. This simplifies still further
software and reduces uC overhead by performing these repetitive tasks within the RF chip itself.
Another important feature is ability to fill and empty the FIFO in Stby mode, ensuring optimum power consumption
and adding more flexibility for the software.
CONTROL
DATA
CONFIG
SPI
PACKET
HANDLER
SYNC
RECOG.
IRQ_0
IRQ_1
MISO
MOSI
SCK
NSS_DATA
NSS_CONFIG
Rx
Tx
Datapath
SX1212
Data
FIFO
(+SR)
Figure 42: Packet Mode Conceptual View
Note that Bit Synchronizer and Sync word recognition are automatically enabled in Packet mode.
5.5.2. Packet Format
Two types of packet formats are supported: fixed length and variable length, selectable by the
PKTParam_Pkt_format bit. The maximum size of the payload is limited by the size of the FIFO selected (16, 32, 48
or 64 bytes).
5.5.2.1. Fixed Length Packet Format
In applications where the packet length is fixed in advance, this mode of operation may be of interest to minimize
RF overhead (no length byte field is required). All nodes, whether Tx only, Rx only, or Tx/Rx should be
programmed with the same packet length value.
The length of the payload is set by the PKTParam_Payload_length register and is limited by the size of the FIFO
selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com