Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AMS3107 Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS3107
Description  500mA LOW DROPOUT VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3107 Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS3107 Datasheet HTML 1Page - Advanced Monolithic Systems AMS3107 Datasheet HTML 2Page - Advanced Monolithic Systems AMS3107 Datasheet HTML 3Page - Advanced Monolithic Systems AMS3107 Datasheet HTML 4Page - Advanced Monolithic Systems AMS3107 Datasheet HTML 5Page - Advanced Monolithic Systems AMS3107 Datasheet HTML 6Page - Advanced Monolithic Systems AMS3107 Datasheet HTML 7Page - Advanced Monolithic Systems AMS3107 Datasheet HTML 8Page - Advanced Monolithic Systems AMS3107 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS3107
ABSOLUTE MAXIMUM RATINGS (Note 1)
Input Voltage
Maximum Junction Temperature
+125
°C
Operating
25V
Storage Temperature
-65
°C to +150°C
Overvoltage Protection
26V to 40V
Lead Temperature (Soldering 25 sec)
265
°C
Internal Power Dissipation (Note 4)
Internally Limited
ESD
2000V
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at VIN =6.3V, IO =5mA, TJ=25°C, C2 = 22µF unless otherwise specified.
PARAMETER
CONDITIONS
AMS3107C-X
Min.
Typ.
Max.
AMS3107-X
Min.
Typ.
Max.
Units
Fixed Output Voltage Versions
Output Voltage Tolerance
-1.0
+1.0
-3.0
+3.0
%
6.3V
≤V
IN
≤25V, I
O=100 mA
- 3.0
+ 3.0
± 5.0
%
Line Regulation
6V
≤V
IN
≤ 15V
15V
≤V
IN
≤ 25V
3
5
10
10
5
5
10
15
mV
mV
Load Regulation
5mA
≤I
O
≤ 100 mA
5mA
≤10 ≤ 200 mA
5mA
≤10 ≤ 350 mA
5mA
≤10 ≤ 500 mA
5
10
15
20
10
15
20
30
5
15
20
20
15
20
25
30
mV
mV
mV
mV
Dropout Voltage
I
O
= 100 mA
I
O
= 200 mA
I
O
= 350 mA
I
O
= 500 mA
0.15
0.30
0.40
0.55
0.20
0.40
0.45
0.70
0.25
0.40
0.45
0.55
0.30
0.50
0.55
0.70
mV
mV
mV
mV
Quiescent Current
I
O
≤ 10 mA,
I
O
= 100 mA
I
O
≤ 200 mA
I
O
= 350 mA
0.18
2
5
12
0.25
2.5
8
0.2
2
5
12
0.3
3
8
mA
mA
mA
mA
Output Noise Voltage
10Hz-100kHz, COUT = 100µF
50
50
µV rms
Output Bypass Capacitor
ESR=0.1 to 10
Ω
10
10
µF
Ripple Rejection
fO =120Hz
55
80
80
dB
Maximum Operational Input
Voltage
25
28
25
28
V
Maximum Line Transient
RL = 500Ω, VO ≤ 5.5V
T = 1ms,
τ ≤100ms
35
40
35
40
V
Reverse Polarity Input Voltage,
D/C
-35
-40
-35
-40
V
Reverse Polarity Input Voltage,
Transient
RL = 500Ω, T = 1ms, τ ≤100ms
-35
-40
-35
-40
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com