| Electronic Components Datasheet Search |
|
ATS617LSG Datasheet(PDF) 1 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS617LSG Datasheet(HTML) 1 Page - Allegro MicroSystems |
|
1 / 16 page ![]() Description The ATS617 gear-tooth sensor IC is a peak-detecting device that uses automatic gain control and an integrated capacitor to provide extremely accurate gear edge detection down to low operating speeds. Each device consists of a high-tem- perature plastic shell that holds together a samarium-cobalt pellet, a pole piece, and a differential open-collector Hall IC that has been optimized to the magnetic circuit. This small package can be easily assembled and used in conjunction with a wide variety of gear shapes and sizes. The technology used for this device is Hall-effect based. The device incorporates a dual-element Hall IC that switches in response to differential magnetic signals created by fer- romagnetic targets. The sophisticated processing circuitry contains an A-to-D converter that self-calibrates (normal- izes) the internal gain of the device to minimize the effect of air gap variations. The patented peak-detecting filter circuit provides immunity to magnet and system offsets and has the ability to discriminate relatively fast changes such as those caused by tilt, gear wobble, and eccentricities. This easy-to- integrate solution provides first falling edge detection and stable operation to extremely low rpm. The ATS617 can be used as a replacement for the ATS616. The ATS617 is ideal for use in systems that gather speed, position, and timing information using gear-tooth-based ATS617LSG-DS, Rev. 1 Features and Benefits ▪ Self-calibrating for tight timing accuracy ▪ First-tooth detection ▪ Immunity to air gap variation and system offsets ▪ Immunity to signature tooth offsets ▪ Integrated capacitor provides analog peak and valley information ▪ Low timing-accuracy drift with temperature changes ▪ Low radiated emissions ▪ Integrated, series resistor on VCC pin for improved transient immunity ▪ Large air gap capability ▪ Small, integrated package ▪ Optimized magnetic circuit ▪ Undervoltage lockout (UVLO) ▪ Wide operating voltage range Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC Continued on the next page… Package: 4-pin SIP (suffix SG) Not to scale ATS617LSG GND VOUT VC RS C Voltage Regulator TEST Hall Amp Reference Generator Gain Current Limit (Recommended) Hall Amp Track and Hold Track and Hold UVLO Power-On Logic Tooth and Valley Comparator Functional Block Diagram |
Similar Part No. - ATS617LSG |
|
Similar Description - ATS617LSG |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |