Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPF7302 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # SPF7302
Description  Full Bridge DC Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SPF7302 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button SPF7302 Datasheet HTML 8Page - Allegro MicroSystems SPF7302 Datasheet HTML 9Page - Allegro MicroSystems SPF7302 Datasheet HTML 10Page - Allegro MicroSystems SPF7302 Datasheet HTML 11Page - Allegro MicroSystems SPF7302 Datasheet HTML 12Page - Allegro MicroSystems SPF7302 Datasheet HTML 13Page - Allegro MicroSystems SPF7302 Datasheet HTML 14Page - Allegro MicroSystems SPF7302 Datasheet HTML 15Page - Allegro MicroSystems SPF7302 Datasheet HTML 16Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Full Bridge DC Motor Driver
SPF7302
13
Thermal Design
Figure 10. Power Dissipation Derating Curve
45
40
35
03
25
20
15
10
5
0
–40 –20
0
20
40
60
80
100
120
140 160
With infinite heatsink
Ambient Temperature, T
A (°C)
Mounted on 1000 mm2 PCB
Exposed copper area
thickness 18 μm
Figure 12. Test PCB Land Pattern
60
50
40
30
20
10
0
10
100
1000
Copper Area (mm2)
10000
100000
Exposed copper area
thickness 18 μm
Figure 11. Thermal Resistance versus PCB Copper Area
Approximatepowerdissipation,PD,innormaloperationiscalculated
by equation 1, and the junction temperature, TJ, is estimated by
equation 2 or 3. Figure 13 shows example data of ∆TJversusPD.Note:
a final thermal evaluation should be done under actual application
conditions, taking into account actual PCB and load conditions.
PD ≈ VBB  IBB1  (VsatH  VsatL)  IOM  DON
 (VsatL(H)  VF)  IOM  DOFF
(1)
where:
VBB is the supply voltage (battery voltage),
IBB1 is the circuit current during operation,
VsatH is the high-side saturation voltage,
VsatL is the low-side saturation voltage,
VF is the freewheeling diode forward voltage,
IOM is the motor current,
DON is the IN1 and IN2 duty cycle (proportion on) , and
DOFF is the IN1 and IN2 proportion off (DON + DOFF = 100%).
To calculate TJ:
TJ = RθJA× PD + TA
(2)
or
TJ = TP + RθJC (3.2°C/W) × PD
(3)
where:
RθJA can be obtained from figure 11, and
TP is the temperature at the exposed thermal pad of the device.
Figure 13. Thermal Performance
125
100
75
50
25
0
0123
PD (W)
45
∆TJA on PCB with exposed
copper area = 1000 mm2
∆TJC
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com