Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS8E512K8 Datasheet(PDF) 4 Page - Austin Semiconductor

Part # AS8E512K8
Description  512K x 8 EEPROM EEPROM Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8E512K8 Datasheet(HTML) 4 Page - Austin Semiconductor

  AS8E512K8_05 Datasheet HTML 1Page - Austin Semiconductor AS8E512K8_05 Datasheet HTML 2Page - Austin Semiconductor AS8E512K8_05 Datasheet HTML 3Page - Austin Semiconductor AS8E512K8_05 Datasheet HTML 4Page - Austin Semiconductor AS8E512K8_05 Datasheet HTML 5Page - Austin Semiconductor AS8E512K8_05 Datasheet HTML 6Page - Austin Semiconductor AS8E512K8_05 Datasheet HTML 7Page - Austin Semiconductor AS8E512K8_05 Datasheet HTML 8Page - Austin Semiconductor AS8E512K8_05 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AS8E512K8
Rev. 3.1 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
EEPROM
EEPROM
EEPROM
EEPROM
EEPROM
AS8E512K8
Austin Semiconductor, Inc.
A.C. READ WAVEFORMS(1,2,3,4)
NOTES:
1. CE\ may be delayed up to t
ACC
-t
CE
after the address transi-
tion without inpact on t
ACC
.
2. OE\ may be delayed up to t
CE
-t
OE
after the falling edge of
CE\ without inpact on t
CE
or by t
ACC
-t
OE
after an address
change without inpact on t
ACC
.
3. t
DF is specified from OE\ or CE\ whichever occurs first
(C
L = 5pF).
4. This parameter is characterized and is not 100% tested.
5. A17 and A18 must remain valid through the WE\ and CE\
low pulse.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC READ OPERATING
CONDITIONS (-55oC<T
A<+125
oC; Vcc = 5V +10%)
INPUT TEST WAVEFORMS AND MEASUREMENT
LEVEL FOR AC TEST CONDITIONS
In put P u ls e Leve ls
0 V to 3.0V
In put R ise an d F a ll T im e s
5 nS
In put an d O u tp ut
1.5V
Tim in g R e fe re n c e Le ve ls
OUTPUT TEST LOAD
100pF
1.8K
1.3K
5.0V
ADDRESS
CE\
OE\
OUTPUT
OUTPUT
HIGH Z
t
OE
t
ACC
t
DF
t
CE
ADDRESS VALID
t
OH
VALID
       
    






    




    











      



       
 !" # "" !






 







Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com