Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADM2914 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM2914
Description  Quad UV/OV Positive/Negative Voltage Supervisor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2914 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM2914 Datasheet HTML 6Page - Analog Devices ADM2914 Datasheet HTML 7Page - Analog Devices ADM2914 Datasheet HTML 8Page - Analog Devices ADM2914 Datasheet HTML 9Page - Analog Devices ADM2914 Datasheet HTML 10Page - Analog Devices ADM2914 Datasheet HTML 11Page - Analog Devices ADM2914 Datasheet HTML 12Page - Analog Devices ADM2914 Datasheet HTML 13Page - Analog Devices ADM2914 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADM2914
Rev. 0 | Page 10 of 16
THRESHOLD ACCURACY
The reset threshold accuracy is fundamental, especially at lower
voltage levels. Consider an FPGA application that requires a 1 V
core voltage input with tolerance of ±5%, where the supply has a
specified regulation, for example, ±1.5%. As shown in Figure 19, to
ensure that the supply is within the FPGA input voltage require-
ment range, its voltage level must be monitored for UV and OV
conditions. The voltage swing on the supply itself causes the
voltage band available for setting the monitoring threshold to be
quite narrow. In this example, the threshold voltages, including
the tolerances, must fit within a monitor region of only 0.035 V.
The ADM2914 device with 0.1% resistors can achieve this level
of accuracy.
1.05V
TIME
VOLTAGE
1.015V
1V CORE
VOLTAGE
0.985V
0.95V
UV
+5% TOLERANCE
3.5% RANGE FOR
OV MONITORING
3.5% RANGE FOR
UV MONITORING
+1.5% SUPPLY REGULATION
–1.5% SUPPLY
REGULATION
–5% TOLERANCE
tUOTO
Figure 19. Monitoring Threshold Accuracy Example
VOLTAGE MONITORING EXAMPLE
To illustrate how the ADM2914 device works in a real application,
consider the 1 V input example shown in Figure 19, with the
addition of a −12 V rail.
The first step is to choose the nominal current flow through
both voltage divider circuits, for example, 5 μA.
For the 1 V ± 5% input, due to the specified ±1.5% regulation of
the supply, the UV and OV thresholds should be set in the middle
of the voltage monitoring band. In this case, on the ±3.25%
points of the supply, the UV threshold is 0.9675 V and the OV
threshold is 1.0325 V.
Input these values into Equation 1.
 


5
.
96
10
5
0325
.
1
1
)
5
.
0
(
6
Z
R
Insert the value of RZ into Equation 2.
 


42
.
6
5
.
96
10
5
9675
.
0
1
)
5
.
0
(
6
Y
R
Then substitute the calculated values for RZ and RY into
Equation 3.
5
.
96
42
.
6
5
.
96
10
5
1
6
X
R
This design approach meets the application specifications. As
described previously, the 1 V rail is specified with an input
requirement of ±5% and a supply tolerance of ±1.5%. This
effectively means that the OV threshold of the monitoring
device, including all the tolerance factors, must fit within the
1.015 V to 1.05 V range. Similarly, the UV threshold range must
be between 0.95 V and 0.985 V.
The four worst-case scenarios of minimum and maximum
undervoltage and overvoltage thresholds are calculated as follows:
Minimum overvoltage threshold

V
015
.
1
V
016
.
1
)
001
.
1
)(
500
,
96
(
)
999
.
0
)(
6420
500
,
96
(
1
4925
.
0
%
1
.
0
%)
1
.
0
(
%)
1
.
0
(
1
%)
5
.
1
V
5
.
0
(
_


Z
Y
X
MIN
OV
R
R
R
V
Maximum overvoltage threshold

V
05
.
1
V
049
.
1
%
1
.
0
%)
1
.
0
(
%)
1
.
0
(
1
%)
5
.
1
V
5
.
0
(
_
Z
Y
X
MAX
OV
R
R
R
V
The maximum and minimum overvoltage threshold values lie
within the 1.015 V to 1.05 V range specified. The minimum and
maximum undervoltage thresholds are calculated as follows:
Minimum undervoltage threshold
 
V
95
.
0
V
953
.
0
%
1
.
0
%
1
.
0
%)
1
.
0
(
1
%)
5
.
1
V
5
.
0
(
_
Z
Y
X
MIN
UV
R
R
R
V
Maximum undervoltage threshold


V
985
.
0
V
984
.
0
%
1
.
0
%
1
.
0
%)
1
.
0
(
1
%)
5
.
1
V
5
.
0
(
_


Z
Y
X
MAX
UV
R
R
R
V
Again, these values fit within the specified undervoltage
monitoring range. All four worst-case scenarios satisfy the
tolerance requirement; therefore, the design approach is valid.
ADM2914
VH1
VCC
5V
1V RAIL
GND
VL1
VL3
VH3
REF
UV
SEL
OV
–12V RAIL
2.49MΩ
23.4kΩ
89.8kΩ
96.5kΩ
6.42Ω
96.5kΩ
Figure 20. Positive and Negative Supply Monitor Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com