Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MASWSS0175 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0175
Description  GaAs DPDT Diversity Switch DC - 6.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0175 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0175 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0175 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0175 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0175 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs DPDT Diversity Switch
DC - 6.0 GHz
Rev. V1
MASWSS0175
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Insertion Loss: 0.8 dB at 5.2 GHz
• Ideal for WLAN IEEE 802.11a
• 0.5 micron GaAs PHEMT Process
• Integrated DC Blocking Capacitors
• Lead-Free 3 mm 12-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of MASWSS0039
Description
M/A-COM’s MASWSS0175 is a GaAs PHEMT
MMIC DPDT diversity switch in a lead-free 3 mm 12-
lead PQFN package. It is designed for low insertion
loss
and
allows
for
independent
control
and
selection of each switch path. It integrates blocking
capacitors on all RF ports and thus eliminates the
need for additional off-chip DC blocking capacitors.
The MASWSS0175 is ideally suited for applications
where very small size and low cost are required.
Typical applications are for WLAN IEEE 802.11a
systems that employ two antennas for transmit and
receive diversity.
This part can be used in all
systems operating between 4.5 GHz and 6.0 GHz
requiring moderate power and diversity switching.
The MASWSS0175 is fabricated using a 0.5 micron
gate length GaAs PHEMT process.
The process
features
full
passivation
for
performance
and
reliability.
Functional Schematic
Port 3
Port 4
Ctrl 2
Ctrl 3
Ctrl 4
Ctrl 1
PIN 1
Ordering Information
1
Part Number
Package
MASWSS0175
Bulk Packaging
MASWSS0175TR-3000
3000 Piece Reel
MASWSS0175SMB
Sample Test Board
1. Reference Application Note M513 for reel size information.
Pin No.
Pin Name
Description
1
Ctrl 1
Control 1
2
Port 3
RF Port 3
3
Ctrl 4
Control 4
4
N/C
No Connection
5
Port 2
RF Port 2
6
N/C
No Connection
7
Ctrl 3
Control 3
8
Port 4
RF Port 4
9
Ctrl 2
Control 2
10
N/C
No Connection
11
Port 1
RF Port 1
12
N/C
No Connection
13
Paddle
2
RF and DC Ground
Pin Configuration
2
2. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
* Restrictions on Hazardous Substances, European Directive 2002/95/EC.


Similar Part No. - MASWSS0175

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0175 MACOM-MASWSS0175 Datasheet
192Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0175 MA-COM-MASWSS0175 Datasheet
557Kb / 5P
GaAs DPDT Diversity Switch
MASWSS0175-V1-NOV09 MA-COM-MASWSS0175-V1-NOV09 Datasheet
105Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
Tyco Electronics
MASWSS0175SMB MACOM-MASWSS0175SMB Datasheet
192Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0175SMB MA-COM-MASWSS0175SMB Datasheet
557Kb / 5P
GaAs DPDT Diversity Switch
More results

Similar Description - MASWSS0175

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0094 MACOM-MASWSS0094 Datasheet
141Kb / 5P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASW-007656 MACOM-MASW-007656 Datasheet
142Kb / 6P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0039 MACOM-MASWSS0039 Datasheet
143Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASWSS0129 MACOM-MASWSS0129 Datasheet
125Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0175 MACOM-MASWSS0175 Datasheet
192Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0039 MA-COM-MASWSS0039 Datasheet
108Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASWSS0094 MA-COM-MASWSS0094 Datasheet
119Kb / 5P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0129 MA-COM-MASWSS0129 Datasheet
104Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0175-V1-NOV09 MA-COM-MASWSS0175-V1-NOV09 Datasheet
105Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASWSS0107 MA-COM-MASWSS0107_15 Datasheet
553Kb / 5P
GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com