Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MASWSS0178 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0178
Description  SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0178 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0178 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0178 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0178 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0178 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
SPDT High Isolation Terminated Switch
0.01 - 3.0 GHz
Rev. V4
MASWSS0178
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Positive Voltage Control: 0 / +5 V
• High Isolation: 55 dB @ 0.9 GHz
50 dB @ 1.9 GHz
• 50 Ω Internal Terminations
• Low Insertion Loss: 0.6 dB @ 0.9 GHz
0.7 dB @ 1.9 GHz
• Lead-Free MSOP-8-EP Package
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of MASWSS0024
Description
The MASWSS0178 GaAs monolithic switch provides
high isolation in a lead-free, plastic surface mount
package.
The MASWSS0178 is ideal for applications across a
broad range of frequencies including synthesizer
switching, transmit / receive switching, switch
matrices and filter banks in systems such as radio
and cellular equipment, PCS, GPS, and fiber optic
modules.
M/A-COM Technology fabricates the MASWSS0178
using a 1.0-micron gate length MESFET process.
The process features full chip passivation for
performance and reliability.
Functional Schematic 2
Pin Configuration
Pin No.
Function
Pin No.
Function
1
Control 1
5
RF Port 2
2
Control 2
6
Ground
3
RF Common
7
Ground
4
Ground
8
RF Port 1
Part Number
Package
MASWSS0178
Bulk Packaging
MASWSS0178TR-3000
3000 piece reel
MASWSS0178SMB
Sample Board
Ordering Information 1
1. Reference Application Note M513 for reel size information.
Absolute Maximum Ratings 3,4
Parameter
Absolute Maximum
Input Power (0.5 - 3.0 GHz)
3 V Control
5 V Control
+30 dBm
+33 dBm
Operating Voltage
+8.5 Volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM Technology does not recommend sustained
operation near these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
2. The exposed pad centered on the package bottom must be
connected to RF and DC ground.


Similar Part No. - MASWSS0178

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0178 MACOM-MASWSS0178 Datasheet
99Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0178 MA-COM-MASWSS0178 Datasheet
192Kb / 4P
SPDT High Isolation Terminated Switch
MASWSS0178 MA-COM-MASWSS0178 Datasheet
192Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0178 MA-COM-MASWSS0178 Datasheet
610Kb / 5P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
logo
Tyco Electronics
MASWSS0178SMB MACOM-MASWSS0178SMB Datasheet
99Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
More results

Similar Description - MASWSS0178

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0024 MACOM-MASWSS0024 Datasheet
219Kb / 3P
SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
SW-475 MACOM-SW-475 Datasheet
91Kb / 4P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
MASWSS0178 MACOM-MASWSS0178 Datasheet
99Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0121 MACOM-MASWSS0121 Datasheet
198Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0024 MA-COM-MASWSS0024 Datasheet
70Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0121 MA-COM-MASWSS0121 Datasheet
117Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
MASW-008543 MA-COM-MASW-008543 Datasheet
175Kb / 4P
SPDT High Isolation Terminated Switch 0.01- 4.0 GHz
SW-475 MA-COM-SW-475 Datasheet
116Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
MASWSS0178 MA-COM-MASWSS0178 Datasheet
192Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0178 MA-COM-MASWSS0178_15 Datasheet
610Kb / 5P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com