Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MASWSS0192 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0192
Description  GaAs SPDT Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0192 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0192 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0192 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0192 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs SPDT Switch
DC - 3.0 GHz
Rev. V1
MASWSS0192
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
6
DC - 1.0 GHz
DC - 3.0 GHz
dB
dB
—
—
0.18
0.35
0.40
0.60
Isolation
DC - 1.0 GHz
DC - 3.0 GHz
dB
dB
20.0
9.5
24.0
13.5
—
—
VSWR
DC - 1.0 GHz
DC - 3.0 GHz
Ratio
Ratio
—
—
1.1:1
1.2:1
—
—
IP2
1 GHz, Two Tone, +7 dBm / tone, 20 MHz Spacing, 3 V
dBm
—
93
—
IP3
1 GHz, Two Tone, +7 dBm / tone, 20 MHz Spacing, 3 V
dBm
—
53
—
P1dB
VC = 0.2 V / 2.7 V
VC = 0.2 V / 3.0 V
dBm
dBm
—
—
27.5
28.5
—
—
Trise, Tfall
10% to 90% RF and 90% to 10% RF
nS
—
22
—
Ton, Toff
50% control to 90% RF, 50% control to 10% RF
nS
—
5
—
Transients
In-band
mV
—
36
—
Control Current
—
µA
—
0.20
5
RON
t > 90 mS after OFF to ON Switching (settled)
Ω
—
2.50
4.7
Gate Lag
|
ΔRon| between 15 µS and 90 mS after OFF to ON Switching
Ω
—
0.15
0.7
Electrical Specifications: TA = 25°C, VC = 0 V / 2.5 V
4, P
IN = +10 dBm, Z0 = 50 Ω
5
4.
Alternate voltage operation of VC = 0 V / 5 V or -5 V / 0 V will yield similar insertion loss, isolation, VSWR, switching, RON, and gate lag
results.
5.
For positive voltage control, external DC blocking capacitors are required on all RF ports.
6.
Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 1 GHz, 39 pF for 0.5 - 3 GHz.
Qualification
Qualified
to
M/A-COM
specification
REL-201,
Process Flow –2.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table
7,8
Control
V1
Control
V2
RFC-RF1
RFC-RF2
1
0
On
Off
0
1
Off
On
7.
Differential voltage, V (state 1) - V (state 0), must be 2.5 V
minimum, but must not exceed 8.5 V.
8.
0 = 0 V to 0.5 V; 1 = 2.5 V to 5 V or
0 = -5 V to -2.5 V, 1 = -0.5 to 0 V.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com