Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MA4AGSW2 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MA4AGSW2
Description  SPDT AlGaAs PIN Diode Switch RoHS Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4AGSW2 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MA4AGSW2 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4AGSW2 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4AGSW2 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4AGSW2 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4AGSW2 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4AGSW2 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4AGSW2 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
SPDT AlGaAs PIN Diode Switch
RoHS Compliant
Rev. V4
MA4AGSW2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Operation of the MA4AGSW2 Switch
The simultaneous application of a negative DC current to the low loss port and positive DC current to the
remaining isolated switching port is required for the operation of the MA4AGSW2, AlGaAs, PIN switch. The
backside area of the die is the RF and DC return ground plane. The DC return is connected to the common port
J1. The forward bias voltage at J2 & J3 will not exceed ±1.6 volts and is typically ± 1.4 volts with supply current of
± 30mA). In the low loss state, the series diode must be forward biased and the shunt diode reverse biased. While
for the Isolated port, the shunt diode is forward biased and the series diode is reverse biased. The bias network
design shown below should yield > 30 dB RF to DC Isolation.
The lowest insertion loss, P1dB, IP
3, and switching speed is achieved by using a voltage pull-up resistor in the DC
return path, (J1). A minimum value of | -2V | is recommended at this return node, which is achievable with a
standard, ± 5V TTL Controlled PIN Diode Driver.
MA4AGSW2 Schematic with a Typical External 2-18 GHz Bias Network
TYPICAL DRIVER CONNECTIONS
CONTROL LEVEL (DC CURRENT)
RF OUTPUT STATE
J2
J3
J2-J1
J3-J1
-10mA
+10mA
Low Loss
Isolation
+10mA
-10mA
Isolation
Low Loss



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com