Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP2950 Datasheet(PDF) 10 Page - Exar Corporation

Part # LP2950
Description  100mA, LOW DROPOUT VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

LP2950 Datasheet(HTML) 10 Page - Exar Corporation

Back Button LP2950 Datasheet HTML 6Page - Exar Corporation LP2950 Datasheet HTML 7Page - Exar Corporation LP2950 Datasheet HTML 8Page - Exar Corporation LP2950 Datasheet HTML 9Page - Exar Corporation LP2950 Datasheet HTML 10Page - Exar Corporation LP2950 Datasheet HTML 11Page - Exar Corporation LP2950 Datasheet HTML 12Page - Exar Corporation LP2950 Datasheet HTML 13Page - Exar Corporation LP2950 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
0
© 2008 Exar Corporation

  
100k
SENSE
SD
VOUT
GND
+VIN
3
8
1
1
µF
+
4
400kΩ
120k
1.5k
6V
SEALED
LEAD-
ACID
BATTERY
SOURCE
FB
FOR 5.5 V
+
1N457
2
20k
NI-CAD
BACKUP
BATTERY
MEMORY V+
MAIN V+
SPX385
LP2951














































  

            
 
         

    
      
Rev G
LP2950-5 Low Dropout Linear Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com