Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP503 Datasheet(PDF) 4 Page - Exar Corporation

Part # SP503
Description  Multiprotocol Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP503 Datasheet(HTML) 4 Page - Exar Corporation

  SP503 Datasheet HTML 1Page - Exar Corporation SP503 Datasheet HTML 2Page - Exar Corporation SP503 Datasheet HTML 3Page - Exar Corporation SP503 Datasheet HTML 4Page - Exar Corporation SP503 Datasheet HTML 5Page - Exar Corporation SP503 Datasheet HTML 6Page - Exar Corporation SP503 Datasheet HTML 7Page - Exar Corporation SP503 Datasheet HTML 8Page - Exar Corporation SP503 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
SP503_101_101508
SP503 Multiprotocol Transceiver
© Copyright 2008 Exar Corporation
4
ELECTRICAL CHARACTERISTICS
T
MIN to TMAX @ Vcc = +5V ±5% unless otherwise noted.
MIN.
TYP.
MAX.
UNITS
CONDITIONS
Slew Rate
30
V/µs
R
L=3kΩ, CL=15pF
Transition Time
1.56
µs
R
L=3kΩ, CL=2500pF
Maximum Transmission Rate
120
kbps
R
L=3kΩ, CL=2500pF
Propagation Delay
t
PHL
28
µs
R
L=3kΩ
t
PLH
28
µs
R
L=3kΩ
RS-232 RECEIVER
TTL Output Levels
V
OL
0.4
Volts
V
OH
2.4
Volts
Input
HIGH Threshold
1.7
2.4
Volts
LOW Threshold
0.8
1.2
Volts
Receiver Open Circuit Bias
+2.0
Volts
Input Impedance
3
5
7
k
V
IN=+15V to -15V
Maximum Transmission Rate
120
kbps
Propagation Delay
t
PHL
1µs
t
PLH
1µs
RS-423 DRIVER
TTL Input Levels
V
IL
0.8
Volts
V
IH
2.0
Volts
Output
Open Circuit Voltage
±4.0
±10.0
Volts
HIGH Level Output
+3.6
+6.0
Volts
R
L=550Ω
LOW Level Output
–6.0
–3.6
Volts
R
L=550Ω
Short Circuit Current
±150
mA
V
OUT=0V
Power Off Current
±100
µA
V
cc = 0V, Vout = ±0.25V
Transition Time
0.8
2.4
µs
Rise/fall time, 10-90%
Maximum Transmission Rate
120
kbps
R
L=550Ω
Propagation Delay
t
PHL
28
µs
R
L=550Ω
t
PLH
28
µs
R
L=550Ω
RS-423 RECEIVER
TTL Output Levels
V
OL
0.4
Volts
V
OH
2.4
Volts
Input
HIGH Threshold
+0.2
+7.0
Volts
LOW Threshold
–7.0
–0.2
Volts
HIGH Input Current
Refer to graph
LOW Input Current
Refer to graph
Receiver Sensitivity
±0.2
Volts
V
CM = +7V to -7V
Input Impedance
4
k
V
IN = +10V to -10V
Maximum Transmission Rate
120
kbps
Propagation Delay
t
PHL
1µs
t
PLH
1µs
POWER REQUIREMENTS
V
CC
4.75
5.25
Volts
I
CC
20
30
mA
V
CC =5V; no interface selected
ENVIRONMENTAL AND MECHANICAL
Operating Temperature Range
0
+70
°C
Storage Temperature Range
–65
+150
°C
ESD Rating
1
kV
HBM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com