Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP504 Datasheet(PDF) 7 Page - Exar Corporation

Part # SP504
Description  WAN Multi-Mode Serial Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP504 Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP504 Datasheet HTML 3Page - Exar Corporation SP504 Datasheet HTML 4Page - Exar Corporation SP504 Datasheet HTML 5Page - Exar Corporation SP504 Datasheet HTML 6Page - Exar Corporation SP504 Datasheet HTML 7Page - Exar Corporation SP504 Datasheet HTML 8Page - Exar Corporation SP504 Datasheet HTML 9Page - Exar Corporation SP504 Datasheet HTML 10Page - Exar Corporation SP504 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
7
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
OTHER AC CHARACTERISTICS
T
A = +70°C to 0°C and VCC = +4.75V to +5.25V unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNITS CONDITIONS
DRIVER DELAY TIME BETWEEN ACTIVE MODE AND TRI-STATE MODE
RS-232 Mode
t
PZL; Tri-state to Output LOW
0.70
5.0
µs
C
L = 100pF, Fig. 4 ; S closed
t
PZH; Tri-state to Output HIGH
0.40
2.0
µs
C
L = 100pF, Fig. 4 ; S2 closed
t
PLZ; Output LOW to Tri-state
0.20
2.0
µs
C
L = 100pF, Fig. 4 ; S closed
t
PHZ; Output HIGH to Tri-state
0.40
2.0
µs
C
L = 100pF, Fig. 4 ; S2 closed
RS-423 MODE
t
PZL; Tri-state to Output LOW
0.5
2.0
µs
C
L = 100pF, Fig. 4 ; S closed
t
PZH; Tri-state to Output HIGH
0.20
2.0
µs
C
L = 100pF, Fig. 4 ; S2 closed
t
PLZ; Output LOW to Tri-state
0.20
2.0
µs
C
L = 100pF, Fig. 4 ; S closed
t
PHZ; Output HIGH to Tri-state
0.5
2.0
µs
C
L = 100pF, Fig. 4 ; S2 closed
RS-422, RS-485 MODES
t
PZL; Tri-state to Output LOW
2.80
0.0
µs
C
L = 100pF, Fig. 4 & 6; S closed
t
PZH; Tri-state to Output HIGH
0.0
2.0
µs
C
L = 100pF, Fig. 4 & 6; S2 closed
t
PLZ; Output LOW to Tri-state
0.0
2.0
µs
C
L = 15pF, Fig. 4 & 6; S closed
t
PHZ; Output HIGH to Tri-state
0.0
2.0
µs
C
L = 15pF, Fig. 4 & 6; S2 closed
V.35 MODE
t
PZL; Tri-state to Output LOW
2.60
0.0
µs
C
L = 100pF, Fig. 4 & 6; S closed
t
PZH; Tri-state to Output HIGH
0.0
2.0
µs
C
L = 100pF, Fig. 4 & 6; S2 closed
t
PLZ; Output LOW to Tri-state
0.0
2.0
µs
C
L = 15pF, Fig. 4 & 6; S closed
t
PHZ; Output HIGH to Tri-state
0.5
2.0
µs
C
L = 15pF, Fig. 4 & 6; S2 closed
RECEIVER INPUT GRAPHS
RS-422 RECEIVER
+3.25mA
-3.25mA
+3V
+10V
-3V
-10V
Maximum Input Current
Versus Voltage
RS-485 RECEIVER
+1.0mA
-0.6mA
+6V
+12V
-3V
-7V
Maximum Input Current
Versus Voltage
1 Unit Load
RS-423 RECEIVER
+3.25mA
-3.25mA
+3V
+10V
-3V
-10V
Maximum Input Current
Versus Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com