Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MASWSS0040SMB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0040SMB
Description  GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0040SMB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0040SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0040SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0040SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0040SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0040SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs DPDT Diversity Switch
0.5 - 3.0 GHz
Rev. V5
MASWSS0040
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
4
0.5 - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 2.5 GHz
2.5 - 3.0 GHz
dB
dB
dB
dB
—
—
—
—
0.5
0.6
0.7
0.8
1.2
1.2
1.2
1.2
Isolation
5
0.5 - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 2.5 GHz
2.5 - 3.0 GHz
dB
dB
dB
dB
17.0
17.0
17.0
17.0
28.0
21.0
19.0
18.0
—
—
—
—
Return Loss
0.5 - 3.0 GHz
dB
—
20
—
IP3
Two Tone +5 dBm, 5 MHz Spacing, > 50 MHz
VC = 0.2 V / 2.3 V
VC = 0.2 V / 3.0 V
dBm
dBm
—
—
47
52
—
—
P1dB
VC = 0.2 V / 2.3 V
VC = 0.2 V / 3.0 V
dBm
dBm
—
—
26
31
—
—
2
nd Harmonic
2.4 GHz, PIN = 20 dBm, VC = 0.2 V / 2.5 V
dBc
—
70
—
3
rd Harmonic
2.4 GHz, PIN = 20 dBm, VC = 0.2 V / 2.5 V
dBc
—
60
—
Trise, Tfall
10% to 90% RF and 90% to 10% RF
ns
—
12/20
—
Ton, Toff
50% Control to 90% RF
50% Control to 10% RF
ns
ns
—
—
35
40
—
—
Control Current
|VC| = 3V
µA
—
5
25
4. Insertion Loss can be optimized by varying the DC Blocking Capacitor value, i.e. 1000 pF for 100 MHz - 1.0 GHz, 27 pF for 0.5 - 3.0 GHz.
5. Isolation of two paths on either side of the selected path.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Absolute Maximum Ratings
6,7
Parameter
Absolute Maximum
Input Power 3V Control
+32 dBm
Input Power 5V Control
+34 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40
°C to +85°C
Storage Temperature
-65
°C to +150°C
6. Exceeding any one or combination of these limits may cause
permanent damage to this device.
7. M/A-COM does not recommend sustained operation near
these survivability limits.
Electrical Specifications: TA = 25°C, VC = 3 V, PIN = 10 dBm, Z0 = 50 Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com