Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M2TC Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M2TC
Description  Triple-Balanced Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M2TC Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M2TC Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M2TC Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M2TC Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Triple-Balanced Mixer
Rev. V3
M2T / M2TC
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LO 10 TO 2400 MHz
• RF 10 TO 2400 MHz
• IF 10 TO 1000 MHz
• LO DRIVE: +13 dBm (NOMINAL)
• HIGH INTERCEPT: +22 dBm (TYP.)
• HIGH ISOLATION: 40 dB (TYP.)
Description
The M2T is a triple balanced mixer, designed for use in military,
commercial and test equipment applications. The design utilizes
Schottky ring quad diodes and broadband soft dielectric baluns to
attain excellent performance. The use of high temperature solder
and welded assembly processes used internally makes it ideal for
use in manual, semi-automated assembly.
Environmental
screening available to MIL-STD-883, MIL-STD-202 or MIL-DTL-
28837, consult factory.
Ordering Information
Part Number
Package
M2T
TO-8
M2TC
SMA Connectorized
Electrical Specifications: Z0 = 50Ω Lo = +13 dBm (Downconverter application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-54º to +85ºC *
SSB Conversion Loss
(max) & SSB Noise
Figure (max)
fR = 0.01 to 2.4 GHz, fL =0.01 to 2.4 GHz, fI =0.05 to 1 GHz
fR = 0.01 to 2.4 GHz, fL =0.01 to 2.4 GHz, fI =0.01 to 1 GHz
fR = 0.5 to 1.5 GHz, fL =0.5 to 1.5 GHz, fI =0.01 to 1 GHz
dB
dB
dB
7.5
9.0
7.0
9.5
10.0
8.5
10.0
10.5
9.0
Isolation, L to R (min)
fL = 0.01 to 1.2 GHz
fL = 1.2 to 2.4 GHz
dB
dB
40
40
35
30
33
28
Isolation, L to I (min)
fL = 0.01 to 1.2 GHz
fL = 1.2 to 2.4 GHz
dB
dB
40
40
35
30
33
28
1 dB Conversion Comp.
fL @ +13 dBm
dBm
+11
Input IP3
+22
Product Image
* The M2TC specification limits apply at 0ºC to +50ºC.


Similar Part No. - M2TC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M2TC MACOM-M2TC Datasheet
331Kb / 3P
Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
M2TC MA-COM-M2TC Datasheet
933Kb / 3P
Triple-Balanced Mixer
M2TC MA-COM-M2TC Datasheet
933Kb / 3P
Triple-Balanced Mixer
M2TC MA-COM-M2TC_15 Datasheet
933Kb / 3P
Triple-Balanced Mixer
More results

Similar Description - M2TC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M52 MACOM-M52 Datasheet
513Kb / 3P
Triple-Balanced Mixer
M83 MACOM-M83 Datasheet
424Kb / 3P
Triple-Balanced Mixer
MY50A MACOM-MY50A Datasheet
395Kb / 3P
Triple-Balanced Mixer
MY87C MACOM-MY87C Datasheet
401Kb / 3P
Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
M50C MA-COM-M50C Datasheet
1Mb / 3P
Triple-Balanced Mixer
M52C MA-COM-M52C Datasheet
1Mb / 3P
Triple-Balanced Mixer
MY51C MA-COM-MY51C Datasheet
163Kb / 3P
Triple-Balanced Mixer
MY87C MA-COM-MY87C Datasheet
157Kb / 3P
Triple-Balanced Mixer
MZ5010C MA-COM-MZ5010C Datasheet
152Kb / 3P
Triple-Balanced Mixer
MZ8810C MA-COM-MZ8810C Datasheet
139Kb / 3P
Triple-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com