Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ETC1.5-4 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # ETC1.5-4
Description  E-Series RF 1.5:1 Step-down Auto-Transformer 5 - 1000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

ETC1.5-4 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  ETC1.5-4 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. ETC1.5-4 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E-Series RF 1.5:1 Transformer — 5 - 1000 MHz
ETC1.5-4
V2.00
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product
information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Surface Mount
• 1.5:1 Impedance Ratio
• Available on Tape & Reel
Description
M/A-COM’s ETC1.5-4 is a 1.5:1 RF step-down auto- transformer
in a low cost, surface mount package. Ideally suited for high
volume applications.
SM-22 Package
Electrical Specifications @25°C
Parameter
Units
Nominal
Typical
Minimum
Maximum
Frequency Range 5 - 1000
MHz
Insertion Loss
5 - 1000 MHz
dB
1.0
Input Return Loss
dB
20
Output Return Loss
dB
22
E-Series RF 1.5:1 Step-down Auto-Transformer
5 - 1000 MHz
ETC1.5-4
3
5
4
Schematic
Please Note that the photograph above indicates package shape only, unit may be wired differently.


Similar Part No. - ETC1.5-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC1.5-4 MACOM-ETC1.5-4 Datasheet
62Kb / 2P
E-Series RF 1.5:1 Step-down Auto-Transformer 5 - 1000 MHz
logo
M/A-COM Technology Solu...
ETC1.5-4TR MA-COM-ETC1.5-4TR Datasheet
533Kb / 4P
Surface mount
ETC1.5-4 MA-COM-ETC1.5-4_1 Datasheet
329Kb / 2P
E-Series RF 1.5:1 Step-down Auto-Transformer
More results

Similar Description - ETC1.5-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC1-1T-75-1 MACOM-ETC1-1T-75-1 Datasheet
352Kb / 1P
E-Series RF 1:1 Transformer 5 - 1000 MHz
ETC15-4 MACOM-ETC15-4 Datasheet
59Kb / 2P
E-Series RF 1.5:1 Step-down Auto-Transformer 5 - 1000 MHz
MABAES0025 MACOM-MABAES0025 Datasheet
44Kb / 2P
E-Series RF 1.5:1 Transformer 5 - 350 MHz
MABAES0032 MACOM-MABAES0032 Datasheet
48Kb / 2P
E-Series RF 1:1 Transformer 5 - 1000 MHz
ETC1.5-7 MACOM-ETC1.5-7 Datasheet
57Kb / 2P
E-Series RF 1.5:1 Transformer 2 - 1000 MHz
ETC1.5-4 MACOM-ETC1.5-4 Datasheet
62Kb / 2P
E-Series RF 1.5:1 Step-down Auto-Transformer 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MABAES0025 MA-COM-MABAES0025 Datasheet
73Kb / 2P
E-Series RF 1.5:1 Transformer 5 - 350 MHz
MABAES0034 MA-COM-MABAES0034 Datasheet
91Kb / 1P
E-Series RF 4:1 Auto Transformer 20 - 1000 MHz
MABA-008752-TC1P57 MA-COM-MABA-008752-TC1P57 Datasheet
72Kb / 2P
E-Series RF 1.5:1 Transformer 2 - 1000 MHz
ETC1.5-4 MA-COM-ETC1.5-4_1 Datasheet
329Kb / 2P
E-Series RF 1.5:1 Step-down Auto-Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com