Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SW-209G Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # SW-209G
Description  Matched GaAs SPST Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-209G Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SW-209G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-209G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-209G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Matched GaAs SPST Switch
DC - 3.0 GHz
Rev. V3
SW-209
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
CR-3
Electrical Specifications: -55°C to 85°C
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
DC - 3.0 GHz
DC - 2.0 GHz
DC - 1.0 GHz
DC - 0.5 GHz
dB
dB
dB
dB
1.5
1.2
1.1
0.9
Isolation
DC - 3.0 GHz
DC - 2.0 GHz
DC - 1.0 GHz
DC - 0.5 GHz
dB
dB
dB
dB
27
32
40
55
VSWR
DC - 3.0 GHz
DC - 2.0 GHz
DC - 1.0 GHz
DC - 0.5 GHz
Ratio
Ratio
Ratio
Ratio
1.6:1
1.5:1
1.2:1
1.2:1
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
3
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
nS
6
Transients
In-Band
mV
30
1 dB Compression Point
0.5 to 3.0 GHz, 0/-5 V
0.05 GHz, 0/-5 V
0.5 to 3.0 GHz, 0/-8 V
0.05 GHz, 0/-8 V
dBm
dBm
dBm
dBm
+27
+21
+33
+26
IP2
0.5 to 3.0 GHz
0.05 GHz
dBm
dBm
+62
+68
IP3
0.5 to 3.0 GHz
0.05 GHz
dBm
dBm
+40
+46
Control Current
VIN Low (0 to -0.2 V)
VIN High (-5 V @ 50 µA Typ. to -8 V)
µA
µA
20
300
3.
All specification apply with 50 Ω impedance connected to all RF ports with 0 and -5 Vdc control voltages.
CR-10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com