Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM8L151C4 Datasheet(PDF) 88 Page - STMicroelectronics

Part # STM8L151C4
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM8L151C4 Datasheet HTML 84Page - STMicroelectronics STM8L151C4 Datasheet HTML 85Page - STMicroelectronics STM8L151C4 Datasheet HTML 86Page - STMicroelectronics STM8L151C4 Datasheet HTML 87Page - STMicroelectronics STM8L151C4 Datasheet HTML 88Page - STMicroelectronics STM8L151C4 Datasheet HTML 89Page - STMicroelectronics STM8L151C4 Datasheet HTML 90Page - STMicroelectronics STM8L151C4 Datasheet HTML 91Page - STMicroelectronics STM8L151C4 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 101 page
background image
Electrical parameters
STM8L151xx, STM8L152xx
88/101
Doc ID 15962 Rev 2
General PCB design guidelines
Power supply decoupling should be performed as shown in Figure 19 or Figure 20,
depending on whether VREF+ is connected to VDDA or not. Good quality ceramic 10 nF
capacitors should be used. They should be placed as close as possible to the chip.
Figure 19.
Power supply and reference decoupling (VREF+ not connected to VDDA)
Table 47.
ADC1 accuracy
Symbol
Parameter
Typ
Max(1)
Unit
DNL
Differential non linearity
TBD
± 1
LSB
INL
Integral non linearity
TBD
± 2
LSB
TUE
Total unadjusted error
TBD
± 5
LSB
Offset
Offset error
TBD
± 2
LSB
Gain
Gain error
TBD
± 3.5
LSB
ENOB
Effective number of bits
TBD
± 9.5
Bits
SINAD
Signal-to-noise and distortion ratio
TBD
TBD
dB
SNR
Signal-to-noise ratio
TBD
TBD
dB
THD
Total harmonic distorsion
TBD
TBD
dB
1.
Data based on characterization, not tested in production.
V REF+
STM8L
V DDA
V SSA/V REF-
1 µF // 10 nF
1 µF // 10 nF
ai17031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com