Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MA4SW510 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW510
Description  HMIC??Silicon SP5T PIN Diode Switch RoHS Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW510 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4SW510 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW510 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW510 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW510 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW510 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW510 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SW510 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
V5
MA4SW510
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
HMIC™ Silicon SP5T PIN Diode Switch
RoHS Compliant
PARAMETER
VALUE
Operating Temperature
-65°C to +125°C
Storage Temperature
-65°C to +150°C
RF C.W. Incident Power
+30dBm
Forward Bias Current Per Port
± 50mA
Reverse Applied Voltage
-25 Volts
Max. operating conditions for a combination of
RF power, D.C. bias and temperature:
+30dBm CW @ 15mA (per diode) @+85°C
Absolute Maximum Ratings
TAMB = +25°C ( Unless Otherwise Specified )
Features
♦ Broad Bandwidth
♦ Specified from 50 MHz to 20 GHz
♦ Usable from 50 MHz to 26.5 GHz
♦ Lower Insertion Loss and Higher Isolation than
Comparable pHEMT/ Discrete Component Designs
♦ Rugged Fully Monolithic
♦ Glass Encapsulated Chip with Polymer Protective
Coating
♦ Up to +30dBm C.W. Power Handling @ +25°C
♦ 50 nS Switching Speed
Description
The MA4SW510 is a SP5T, series-shunt, broadband,
PIN diode switch made with M/A-COM Tech’s patented
HMICTM (Heterolithic Microwave Integrated Circuit)
process. This process allows the silicon pedestals which
form the series - shunt diodes and vias to be embedded
into low loss, low dispersion glass. By also incorporating
small spacing between circuit elements, the result is an
HMIC chip with low insertion loss and high isolation at
frequencies up to 26.5GHz. It is designed to be used as
a moderate power, high performance switch and provide
superior performance when compared to similar designs
that use discrete components.
The top side of the chip is protected by a polymer
coating for manual or automatic handling and large gold
bond pads help facilitate connection of low inductance
ribbons. The gold metallization on the backside of the
chip allows for attachment via 80/20, gold/tin solder or
conductive silver epoxy.
Applications
The MA4SW510 is a high performance switch suitable
for use in multi-band ECM, radar, and instrumentation
control circuits where high isolation to insertion loss ra-
tios are required. With a standard ±5V, TTL controlled,
PIN diode driver, 50nS switching speeds are achievable


Similar Part No. - MA4SW510

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SW510 MACOM-MA4SW510 Datasheet
216Kb / 5P
SP5T PIN Diode Reflective Switch
logo
M/A-COM Technology Solu...
MA4SW510 MA-COM-MA4SW510 Datasheet
474Kb / 7P
HMIC??Silicon SP5T PIN Diode Switch
logo
Tyco Electronics
MA4SW510B-1 MACOM-MA4SW510B-1 Datasheet
245Kb / 6P
SP5T PIN Diode Switch with Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW510B-1 MA-COM-MA4SW510B-1 Datasheet
531Kb / 7P
HMIC??Silicon PIN Diode Switch with Integrated Bias Network
MA4SW510B-1 MA-COM-MA4SW510B-1 Datasheet
531Kb / 7P
HMIC??Silicon PIN Diode Switch
More results

Similar Description - MA4SW510

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4AGSW5 MA-COM-MA4AGSW5 Datasheet
130Kb / 7P
SP5T AlGaAs PIN Diode Switch RoHS Compliant
MASW-001100-1190 MA-COM-MASW-001100-1190 Datasheet
343Kb / 9P
HMIC??Silicon PIN Diode Switches RoHs Compliant
MASW-004100-1193 MA-COM-MASW-004100-1193 Datasheet
140Kb / 7P
HMIC??Silicon PIN Diode Switch
MA4SW110 MA-COM-MA4SW110 Datasheet
302Kb / 8P
HMIC??Silicon PIN Diode Switches RoHS Compliant
MA4SW410 MA-COM-MA4SW410 Datasheet
125Kb / 7P
HMIC??Silicon SP4T PIN Diode Switch RoHS Compliant
MASW-005100-1194 MA-COM-MASW-005100-1194_2 Datasheet
560Kb / 7P
HMIC SP5T Silicon PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194 Datasheet
560Kb / 7P
HMIC??SP5T Silicon PIN Diode Switch
MA4SW510 MA-COM-MA4SW510 Datasheet
474Kb / 7P
HMIC??Silicon SP5T PIN Diode Switch
MA4SW510 MA-COM-MA4SW510_15 Datasheet
474Kb / 7P
HMIC Silicon SP5T PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194_14 Datasheet
1Mb / 6P
HMIC Silicon SP5T PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com