Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OSW5XLS3C1H Datasheet(PDF) 1 Page - OptoSupply International

Part # OSW5XLS3C1H
Description  3.5x2.8x1.9mm Pure White Power Top H SMD LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSW5XLS3C1H Datasheet(HTML) 1 Page - OptoSupply International

  OSW5XLS3C1H Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
3.5x2.8x1.9mm Pure White Power Top H SMD
LED
OSW5XLS3C1H
Features
Outline Dimension
Highest Luminous P
PL
LC
CC
C44 P
Poow
weerr T
Toopp S
SM
MD
D LEDs
Super energy efficiency
Very long operating life (up to 100K hours)
Superior ESD protection
No UV
Applications
Read lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Bollards / Security / Garden
Traffic signaling / Beacons
In door / Out door Commercial lights
Automotive Ext
1.9
2.8
0.1Typ.
2.2
0.75
1
2
4
3
1
2
3
4
1.Anode
2,3,4. Cathode
Unit:mm
Tolerance:±0.30mm
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
120
mA
Pulse Forward Current*
IFP
200
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
480
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=70mA
3.0
3.3
4.0
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Luminous Intensity
I
v
IF=70mA
-
6000
-
mcd
x
IF=70mA
-
0.27
-
Chromaticity
Coordinates*
y
IF=70mA
-
0.28
-
50% Power Angle
1/2
IF=70mA
-
120
-
deg
*1 Tolerance of chromaticity coordinates is +10%
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSW5XLS3C1H

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW5XL5141R OPTOSUPPLY-OSW5XL5141R Datasheet
97Kb / 1P
Tpower 5mm Pure White LED
OSW5XL56E1R OPTOSUPPLY-OSW5XL56E1R Datasheet
99Kb / 1P
Tpower 4.8mm Straw Pure White LED
OSW5XL8A61R OPTOSUPPLY-OSW5XL8A61R Datasheet
99Kb / 1P
Tpower 8mm Pure White LED
OSW5XLA151R OPTOSUPPLY-OSW5XLA151R Datasheet
100Kb / 1P
Tpower 10mm Pure White LED
OSW5XLZ161G OPTOSUPPLY-OSW5XLZ161G Datasheet
99Kb / 1P
Giga Power Super Flux Pure White LED
More results

Similar Description - OSW5XLS3C1H

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM5XLS3C1H OPTOSUPPLY-OSM5XLS3C1H Datasheet
99Kb / 1P
3.5x2.8x1.9mm Warm White Power Top H SMD LED
OSW5DLS3C1A OPTOSUPPLY-OSW5DLS3C1A Datasheet
99Kb / 1P
3.5x2.8x1.9mm Pure White Power Top SMD LED
OSW5DTS5C1A OPTOSUPPLY-OSW5DTS5C1A Datasheet
158Kb / 1P
3.5x2.8x1.9mm Pure White Top SMD LED
OSW44DS3C1A OPTOSUPPLY-OSW44DS3C1A Datasheet
110Kb / 1P
3.5x2.8x1.9mm Pure White Power Top SMD LED
OSW57LS3C1A OPTOSUPPLY-OSW57LS3C1A Datasheet
105Kb / 1P
3.5x2.8x1.9mm Power Top Pure White SMD LED
OSW443S3C1A OPTOSUPPLY-OSW443S3C1A Datasheet
111Kb / 2P
3.5x2.8x1.9mm Pure White Power Top SMD LED
OSW573S3C1A OPTOSUPPLY-OSW573S3C1A Datasheet
158Kb / 1P
3.5x2.8x1.9mm Pure White Power Top SMD LED
OSW44DS3C1A OPTOSUPPLY-OSW44DS3C1A_12 Datasheet
113Kb / 1P
3.5x2.8x1.9mm Pure White Power Top SMD LED
OSW44LS1C1A OPTOSUPPLY-OSW44LS1C1A_12 Datasheet
110Kb / 1P
3.5x2.8x1.9mm Pure White SMD LED
OSW44LS1C1AHCRI6 OPTOSUPPLY-OSW44LS1C1AHCRI6 Datasheet
108Kb / 1P
3.5x2.8x1.9mm pure white smd led
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com