Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PA243 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA243
Description  High Voltage Power Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA243 Datasheet(HTML) 1 Page - Cirrus Logic

  PA243 Datasheet HTML 1Page - Cirrus Logic PA243 Datasheet HTML 2Page - Cirrus Logic PA243 Datasheet HTML 3Page - Cirrus Logic PA243 Datasheet HTML 4Page - Cirrus Logic PA243 Datasheet HTML 5Page - Cirrus Logic PA243 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA243
PA243U
1
PA243
24-pin pSOp
pACKAGE STYLE DF
EQUiVALEnT SCHEMATiC (one of two channels)
EXTERnAL COnnECTiOnS
For C
C values, see graph on page 3.
Note: C
C must be rated for full supply voltage.
* Supply bypassing required. See general Operating Con-
siderations.
FEATURES
•RoHSCOMPLIANT
•SURFACEMOUNTPACKAGE
•MONOLITHICMOSTECHNOLOGY
•LOWCOST
•HIGHVOLTAGEOPERATION—350V
•LOWQUIESCENTCURRENTTYP.—2.2mA
•NOSECONDBREAKDOWN
•HIGHOUTPUTCURRENT—120mAPEAK
AppLiCATiOnS
•TELEPHONERINGGENERATOR
•PIEZOELECTRICPOSITIONING
•ELECTROSTATICTRANSDUCER&DEFLECTION
•DEFORMABLEMIRRORFOCUSING
DESCRipTiOn
The PA243 is a dual high voltage monolithic MOSFET op-
erational amplifier achieving performance features previously
found only in hybrid designs while increasing reliability. This
approach provides a cost-effective solution to applications
where multiple amplifiers are required. Inputs are protected
from excessive common mode and differential mode volt-
ages. The safe operating area (SOA) has no secondary
breakdown limitations and can be observed with all type
loads by choosing an appropriate current limiting resistor.
External compensation provides the user flexibility in choosing
optimum gain and bandwidth for the application.
The PA243DF is packaged in a 24 pin PSOP (JEDEC
MO-166) package. The heatslug of the PA243DF package is
isolated in excess of full supply voltage.
TYpiCAL AppLiCATiOn
Low Cost 660v
p-p piezo Drive
A single PA243 amplifier operates as a bridge driver for a piezo
transducer providing a low cost 660 volt total drive capability.
The R
N CN network serves to raise the apparent gain of A2 at
high frequencies. If R
N is set equal to R the amplifiers can be
compensated identically and will have matching bandwidths.
See application note 20 for more details.
A
PA243
B
PA243
20R
PIEZO
TRANSDUCER
20R
RN
20R
CN
R
VIN
–175
+175
–175
+175
R CL
R CL
47
47
10pF
10pF
ILIM
OUT
-IN
+IN
+VS
-VS
CC2
CC1
Q2
D4
Q11
Q7
Q1
Q15
Q12
Q5
Q9
Q14
Q13
Q10
Q6
Q4
Q3
Q8
D2
D3
D1
D5
CC
*
*
*
*
CC
RCL
RCL
+Vsa
NC
La
COMPa
COMPa
OUTa
NC
-INb
+INb
-Vsb
-Vsa
NC
NC
+INa
-INa
NC
OUTb
COMPb
COMPb
ILb
NC
+Vsb
24
1
+
-
A
B
High Voltage Power Operational Amplifier
PA243
P r o d u c t I n n o v a t i o n F r o m
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
MAY 2009
APEX − PA243UREVG


Similar Part No. - PA243

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA243 APEX-PA243 Datasheet
461Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Pulse A Technitrol Comp...
PA2431NL PULSE-PA2431NL Datasheet
2Mb / 14P
High Frequency Wire Wound Transformers
PA2431NL PULSE-PA2431NL Datasheet
2Mb / 10P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
12/17
PA2437NL PULSE-PA2437NL Datasheet
2Mb / 14P
High Frequency Wire Wound Transformers
PA2437NL PULSE-PA2437NL Datasheet
2Mb / 10P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
12/17
More results

Similar Description - PA243

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA92 APEX-PA92 Datasheet
243Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
PA44 ETC-PA44 Datasheet
66Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA95 APEX-PA95 Datasheet
62Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
PA40 ETC1-PA40 Datasheet
64Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA240 APEX-PA240 Datasheet
384Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA243 APEX-PA243 Datasheet
461Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA46 APEX-PA46 Datasheet
68Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA140 APEX-PA140 Datasheet
76Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA240 CIRRUS-PA240 Datasheet
220Kb / 5P
High Voltage Power Operational Amplifier
PA241 CIRRUS-PA241 Datasheet
269Kb / 7P
High Voltage Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com