Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3987 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP3987
Description  300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3987 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP3987 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3987 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3987 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3987 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3987 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3987 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3987 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3987 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LP3987
LP3987-datasheet
Oct.-2003
3-3
Electrical Characteristics
(VIN = VOUT + 1V, CIN = COUT = 1µF, CBP = 22nF, TA = 25° C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
Δ
VOUT
IOUT = 1mA
−
2
--
+2
%
Current Limit
ILIM
RLOAD = 1Ω
360
400
mA
Quiescent Current
IQ
VEN
≥ 1.2V, IOUT = 0mA
90
130
μ
A
IOUT = 200mA, VOUT > 2.8V
170
200
Dropout Voltage
VDROP
IOUT = 300mA, VOUT > 2.8V
220
300
mV
Line Regulation
Δ
VLINE
VIN = (VOUT + 1V) to 5.5V,
IOUT = 1mA
0.3
%
Load Regulation
Δ
VLOAD
1mA < IOUT < 300mA
0.6
%
Standby Current
ISTBY
VEN = GND, Shutdown
0.01
1
μ
A
EN Input Bias Current
IIBSD
VEN = GND or VIN
0
100
nA
Logic-Low
Voltage
VIL
VIN = 3V to 5.5V,
Shutdown
0.4
EN Threshold
Logic-High
Voltage
VIH
VIN = 3V to 5.5V, Start-Up
1.2
V
Output Noise Voltage
eNO
10Hz to 100kHz, IOUT =
200mA COUT = 1µF
100
μ
VRMS
Power Supply
f = 100Hz
PSRR
−
80
Rejection Rate
f =
10kHz
COUT = 1µF, IOUT =
10mA
−
55
DB
Thermal Shutdown Temperature TSD
165
°
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com