Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3204 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3204
Description  1.5MHz, 800mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3204 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3204 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3204 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3204 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3204 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3204 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3204 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3204 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3204 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3204 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LP3204
LP3204-datasheet
Feb.-2006
1
-1
1.5MHz, 800mA, High Efficiency Synchronous
PWM Step-Down DC/DC Convert
General Description
The LP3204 is a constant frequency, current mode,
PWM step-down converter. The device integrates a
main switch and a synchronous rectifier for high
efficiency. The 2.5V to 5.5V input voltage range
makes the LP3204 is ideally suited for portable
electronic devices that are powered from 1-cell
Li-ion battery or from other power sources within
the range such as cellular phones, PDAs and
handy-terminals.
Internal synchronous rectifier with low RDS(ON)
dramatically reduces conduction loss at PWM mode.
The
internal
synchronous
switch
increases
efficiency while eliminate the need for an external
Schottky diode.The switching ripple is easily
smoothed-out by small package filtering elements
due to a fixed operation frequency of 1.5MHz. This
along with small SOT-23-5 package provide small
PCB area application. Other features include soft
start, lower internal reference voltage with 2%
accuracy, over temperature protection, and over
current protection.
Ordering Information
LP3204 □ - □ □ □ □
Package Type
B5: SOT-23-5
Output Voltage:
15: 1.5V
18: 1.8V
25: 2.5V
28: 2.8V
AD:Adjust
Output Type:
A:A-Type
B:B-Type
Features
High Efficiency: 96%
1.5MHz Fixed-Frequency PWM Operation
Adjustable Output From 0.6V to VIN
800mA Output Current, 1.1A Peak Current
No Schottky Diode Required
100% Duty Cycle Low Dropout Operation
Available in SOT23-5 Package
Short Circuit and Thermal Protection
Over Voltage Protection
Low than 1µA Shutdown Current
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
PDA
DSC
Wireless Card
Pin Configurations
A-Type
B-Type
Marking Information
RoHS compliant and compatible
with the current require ments of
IPC/JEDEC J-STD-0202.
Suitable for use in SnPb or Pb-free
soldering processes.


Similar Part No. - LP3204

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3201 POWER-LP3201 Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
LP3201-12B5F POWER-LP3201-12B5F Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
LP3201-18B5F POWER-LP3201-18B5F Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
LP3201-33B5F POWER-LP3201-33B5F Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
LP3201AB5F POWER-LP3201AB5F Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
More results

Similar Description - LP3204

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Lowpower Semiconductor ...
LP3202 POWER-LP3202 Datasheet
759Kb / 11P
1.5MHz, 650mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3203 POWER-LP3203 Datasheet
360Kb / 10P
1.5MHZ,600mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3205 POWER-LP3205 Datasheet
358Kb / 10P
1.5MHZ,800mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
logo
ELM Technology Corporat...
ELM600LA ELM-TECH-ELM600LA Datasheet
2Mb / 10P
ELM600LA 800mA 1.4MHz high efficiency synchronous PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9703 BCDSEMI-AUR9703 Datasheet
892Kb / 20P
1.5MHz, 800mA, STEP DOWN DC-DC CONVERTER
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
1.5A 1.5MHz high efficiency PWM step down DC/DC converter
logo
Fitipower Integrated Te...
FP6367 FITIPOWER-FP6367 Datasheet
575Kb / 9P
1.5MHz, 800mA, High-Efficiency PWM Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com