Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP4060A Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP4060A
Description  800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4060A Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP4060A Datasheet HTML 1Page - Lowpower Semiconductor inc LP4060A Datasheet HTML 2Page - Lowpower Semiconductor inc LP4060A Datasheet HTML 3Page - Lowpower Semiconductor inc LP4060A Datasheet HTML 4Page - Lowpower Semiconductor inc LP4060A Datasheet HTML 5Page - Lowpower Semiconductor inc LP4060A Datasheet HTML 6Page - Lowpower Semiconductor inc LP4060A Datasheet HTML 7Page - Lowpower Semiconductor inc LP4060A Datasheet HTML 8Page - Lowpower Semiconductor inc LP4060A Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Preliminary Datasheet
LP4060A
LP4060A – Ver. 1.0 Datasheet
Nov.-2007
Page 2 of 13
Functional Pin Description
Pin Number
Pin Name
Pin Function
1
CHRG
Open-Drain Status Output
2
GND
Ground.
3
BAT
Charge Current Output
4
VCC
Positive Input Supply Voltage
5
PROG
Charge Current Program, Charge Current Monitor and Shutdown Pin.
CHRG (PIN 1):
Open-Drain Charge Status Output. When the battery is charging, the CHRG pin is pulled low by an internal
N-channel MOSFET. When the charge cycle is completed, a weak pull-down of approximately 12µA is connected
to the CHRG pin, indicating a “AC present” condition. When the LP4060A detects an undervoltage lockout
condition, CHRG is forced high impedance.
GND (PIN 2): Ground.
BAT (PIN 3): Charge Current Output. Provides charge current to the battery and regulates the final
float voltage to 4.2V. An internal precision resistor divider from this pin sets the float voltage which is
disconnected in shutdown mode.
VCC (PIN 4): Positive Input Supply Voltage. Provides power to the charger. VCC can range from 4.35V to 6.5V and
should be bypassed with at least a 1µF capacitor. When VCC drops to within 30mV of the BAT pin voltage, the
LP4060A enters shutdown mode, dropping IBAT to less than 2µA.
PROG (PIN 5): Charge Current Program, Charge Current Monitor and Shutdown Pin. The charge
current is programmed by connecting a 1% resistor, RPROG, to ground. When charging in
constant-current mode, this pin servos to 1V. In all modes, the voltage on this pin can be used to
measure the charge current using the following formula:
IBAT=(VPROG/RPROG) x 830
The PROG pin can also be used to shutdown the charger. Disconnecting the program resistor from
ground allows a 3µA current to pull the PROG pin high. When it reaches the 1.94V shutdown
threshold voltage, the charger enters shutdown mode, charging stops and the input supply current
drops to 25µA. This pin is also clamped to approximately 2.4V. Driving this pin to voltages beyond
the clamp voltage will draw currents as high as1.5mA. Reconnecting RPROG to ground will return the
charger to normal operation.
LP4060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com