Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP6341 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6341
Description  1.5MHz, 1.5A Step-down Converter With Soft-Start
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6341 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6341 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6341 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6341 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6341 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6341 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6341 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6341 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary Datasheet
LP6341
LP6341 –05 Ver. 1.5 Datasheet
Feb.-2009
1.5MHz,
1.5A Step-down Converter With Soft-Start
General Description
The LP6341 contains a independent 1.5MHz constant
frequency, current mode, PWM step-down converters.
The
converter
integrates
a
main
switch
and
a
synchronous rectifier for high efficiency without an
external Schottky diode. The LP6341 is ideal for
powering portable equipment that runs from a single cell
Lithium-Ion (Li+) battery. The converter can supply
1500mA of load current from a 2.5V to 5.5V input
voltage. The output voltage can be regulated as low as
0.5/0.6V. The LP6341 can also run at 100% duty cycle
for low dropout applications.
The LP6341 is available in a 10-lead 3mm*3mm DFN-10
package and is rated over the -40°C to 85°C temperature
range.
Order Information
LP6341□ - □ □ □ □
□
F: Pb-Free
Package Type
QV: TDFN-10
Output Voltage Type
12: 1.2V
18: 1.8V
33: 3.3V
A:
Adjustable
Feedback Voltage
X:
0.6V
Default:
0.5V
Typical Application Circuit
Features
Input Voltage Range: 2.5V to 5.5V
Output Voltage Range: 0.6V to VI N
1500mA Load Current on Channel
Up to 95% Efficiency
100% Duty Cycle in Dropout
< 1 u A Quiescent Current
1.5MHz Switching Frequency
Soft star Function
Short Circuit Protection
Current Mode Operation
Thermal Fault Protection
3m m × 3mm TDFN-10 Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Portable Media Players
Cellular and Smart mobile phone
PDA/DSC
GPS Applications
Marking Information
Please see website.
VIN
22pF
R1
LP6341XAQVF
1
7
5
2
3
8
EN
SW
FB
Vin
Vin
SW
Vout_1.5A
2.2uH
22uF
R2
Vout=(R1/R2+1)*VFB
10uF


Similar Part No. - LP6341

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6342 POWER-LP6342 Datasheet
782Kb / 15P
Output Voltage Range: 0.6V to VIN
LP6343 POWER-LP6343 Datasheet
539Kb / 12P
Output Voltage Range: 0.6V to VIN
More results

Similar Description - LP6341

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6301 POWER-LP6301 Datasheet
920Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
logo
Eutech Microelectronics...
EUP3010 EUTECH-EUP3010 Datasheet
778Kb / 12P
1.5MHz,1A Synchronous Step-Down Converter with Soft Start
EUP3408 EUTECH-EUP3408 Datasheet
716Kb / 11P
1.5MHz, 800mA Synchronous Step-Down Converter with Soft Start
EUP3412 EUTECH-EUP3412 Datasheet
509Kb / 11P
1.5A/1.5MHz, Synchronous Step-Down Converter with Soft Start
EUP3420 EUTECH-EUP3420 Datasheet
513Kb / 11P
2A/1.5MHz, Synchronous Step-Down Converter with Soft Start
EUP3418 EUTECH-EUP3418 Datasheet
101Kb / 1P
1.5MHz, 1A Synchronous Step-Down Converter with Soft Start
logo
BCD Semiconductor Manuf...
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
1.5MHz, 1.5A, Step-down DC-DC Converter
logo
Lowpower Semiconductor ...
LP3209 POWER-LP3209 Datasheet
1Mb / 10P
1.5MHz, 1.5A Step-Down Converter
LP3218 POWER-LP3218 Datasheet
649Kb / 8P
1.5MHz, 1.5A Step-Down Converter
logo
Unisonic Technologies
UD05154 UTC-UD05154 Datasheet
246Kb / 5P
1.5MHz, 1.5A, V SYNCHRONOUS STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com