Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3202 Datasheet(PDF) 8 Page - Lowpower Semiconductor inc

Part # LP3202
Description  1.5MHz, 650mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3202 Datasheet(HTML) 8 Page - Lowpower Semiconductor inc

Back Button LP3202 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3202 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3202 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3202 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3202 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3202 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3202 Datasheet HTML 9Page - Lowpower Semiconductor inc LP3202 Datasheet HTML 10Page - Lowpower Semiconductor inc LP3202 Datasheet HTML 11Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LP3202
LP3202-01 datasheet
Oct.-2006
8
-8
Applications Information
The basic LP3202 application circuit is shown in
Typical Application Circuit. External component
selection is determined by the maximum load current
and begins with the selection of the inductor value
and operating frequency followed by CIN and COUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com