Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3360 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3360
Description  4-Channel Constant Current White LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3360 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3360 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3360 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3360 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3360 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3360 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3360 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary Datasheet
LP3360
LP3360 – Ver. 1.2 Datasheet
Feb.-2008
Page 1 of 6
4-Channel Constant Current White LED Driver
General Description
The LP3360 is a low-dropout bias supply for white LEDs is
a high-performance alternative to the simple ballast
resistors used in conventional white LED designs. It
supports 4 white LEDs with regulated constant current for
uniform intensity. The LP3360 maintains low dropout
current regulators. The LP3360 requires a 45mV dropout
at a 20mA load on each output to match the LED brightness.
The brightness of LEDs can be tuned through a pulse width
modulated signal at the PWM pin,the PWM frequency from
200Hz to 10KHz and the Duty from 0 to 100%.
The LP3360 is available in a SOT23-6 or MSOP-8
package.
Order Information
LP3360 -
□ □ □
F: Pb-Free
Package Type
B6: SOT23-6
MS:MSOP-8
Applications
LCD Panel
Cellular and Smart mobile phone
PDA/DSC
PMP
Features
2.7V to 6V Input Voltage
20mA maxim sink current
PWM tuned LED brightness through PWM pin
Soft Start Function
Built-in Thermal Protection
IQ<1uA in Shutdown
SOT23-6 or MSOP-8 Package
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit
Vin
PW M
LP3360
1
PWM
Marking Information
Please see website.


Similar Part No. - LP3360

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LP3360-GK SIEMENS-LP3360-GK Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LP3360-H SIEMENS-LP3360-H Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LP3360-HL SIEMENS-LP3360-HL Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LP3360-J SIEMENS-LP3360-J Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
More results

Similar Description - LP3360

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM2102 ETC-GM2102 Datasheet
194Kb / 6P
CONSTANT CURRENT DC/DC WHITE LED DRIVER
logo
National Semiconductor ...
LM3508 NSC-LM3508 Datasheet
1Mb / 14P
Synchronous Magnetic Constant Current White LED Driver
LM3508 NSC-LM3508_08 Datasheet
1Mb / 14P
Synchronous Magnetic Constant Current White LED Driver
logo
Agamem Microelectronic ...
AA1700 AGAMEM-AA1700 Datasheet
228Kb / 10P
Constant Current White LED driver
logo
Lowpower Semiconductor ...
LP3361 POWER-LP3361 Datasheet
250Kb / 6P
6-Channel Constant Current White LED Driver
logo
M.S. Kennedy Corporatio...
SM6704 MSK-SM6704 Datasheet
86Kb / 1P
4-Channel Constant Current LED Driver
SM6704A MSK-SM6704A Datasheet
86Kb / 1P
4-Channel Constant Current LED Driver
logo
SamHop Microelectronics...
SM6704A SAMHOP-SM6704A Datasheet
86Kb / 1P
4-Channel Constant Current LED Driver
SM6704 SAMHOP-SM6704 Datasheet
86Kb / 1P
4-Channel Constant Current LED Driver
logo
List of Unclassifed Man...
UCS2904B ETC-UCS2904B Datasheet
488Kb / 8P
4-channel LED constant current driver UCS2904B
ver2.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com