Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3361 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3361
Description  6-Channel Constant Current White LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3361 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3361 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3361 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3361 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3361 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3361 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3361 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary Datasheet
LP3361
LP3361 – Ver. 1.0 Datasheet
Nov.-2008
Page 1 of 6
6-Channel Constant Current White LED Driver
General Description
The LP3361 is a low-dropout bias supply for white LEDs is
a high-performance alternative to the simple ballast
resistors used in conventional white LED designs. It
supports 6 white LEDs with regulated constant current for
uniform intensity. The LP3361 maintains low dropout
current regulators. The LP3361 requires a 45mV dropout
at a 20mA load on each output to match the LED brightness.
The brightness of LEDs can be tuned through a pulse width
modulated signal at the PWM pin,the PWM frequency from
200Hz to 10KHz and the Duty from 0 to 100%.
The LP3361 is available in a TDFN-10 package.
Order Information
LP3361 -
□ □ □
F: Pb-Free
Package Type
QV:TDFN-10
Applications
LCD Panel
Cellular and Smart mobile phone
PDA/DSC
PMP
Features
2.7V to 6V Input Voltage
20mA maxim sink current
Dual Panel Driver of WLED
PWM tuned LED brightness through EN pin
Soft Start Function
Built-in Thermal Protection
IQ<1uA in Shutdown
TDFN-10 Package
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit
Sub_Panel
2.2uF
ON/OFF
LP3361
11
2
3
1
8
7
4
6
5
9
10
GND
EN1
VDD1
LED1
VDD2
EN2
LED2
LED4
LED3
LED5
LED6
Main_Panel
VBAT
VBAT
Marking Information
Please see website.


Similar Part No. - LP3361

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3360 POWER-LP3360 Datasheet
225Kb / 6P
4-Channel Constant Current White LED Driver
LP3360-B6F POWER-LP3360-B6F Datasheet
225Kb / 6P
4-Channel Constant Current White LED Driver
logo
Siemens Semiconductor G...
LP3360-GK SIEMENS-LP3360-GK Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LP3360-H SIEMENS-LP3360-H Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LP3360-HL SIEMENS-LP3360-HL Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
More results

Similar Description - LP3361

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8431 ALLEGRO-A8431 Datasheet
331Kb / 10P
White LED Driver Constant Current Step-up Converter
April 5, 2005
logo
List of Unclassifed Man...
GM2102 ETC-GM2102 Datasheet
194Kb / 6P
CONSTANT CURRENT DC/DC WHITE LED DRIVER
logo
Aimtron Technology
AT1313 AIMTRON-AT1313 Datasheet
195Kb / 12P
High Efficiency, Constant Current White-LED Driver
logo
National Semiconductor ...
LM3508 NSC-LM3508 Datasheet
1Mb / 14P
Synchronous Magnetic Constant Current White LED Driver
LM3508 NSC-LM3508_08 Datasheet
1Mb / 14P
Synchronous Magnetic Constant Current White LED Driver
logo
Agamem Microelectronic ...
AA1700 AGAMEM-AA1700 Datasheet
228Kb / 10P
Constant Current White LED driver
logo
ADDtek Corp
A701 ADDTEK-A701 Datasheet
118Kb / 1P
6 CHANNELS ADJUSTABLE CONSTANT CURRENT LED DRIVER
JUNE 2008
logo
Lowpower Semiconductor ...
LP3360 POWER-LP3360 Datasheet
225Kb / 6P
4-Channel Constant Current White LED Driver
logo
Texas Instruments
LM3508 TI1-LM3508 Datasheet
2Mb / 20P
Synchronous Magnetic Constant Current White LED Driver
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_12 Datasheet
912Kb / 36P
6-Channel White LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com