Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP28011 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP28011
Description  1A Single-chip Li-ion and Li-POL Charge with OVP
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28011 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP28011 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Preliminary Datasheet
LP28011
LP28011 – 01 Ver. 1.1 Datasheet
Nov.-2007
Page 2 of 10
Functional Pin Description
P a ckag e Ty pe
Pin Con f igurat i o ns
TDFN- 10
47
10
VSS
VIN
1
BATT
8
VIN
ISET
STAT
BATT
STAT
5
VSS
VSS
9
2
3
6
11
Pi n Desc ript io n
PIN
PIN
Number
DESCRIPTION
VIN
1,2
VIN is the input power source. Connect to a wall adapter.
STAT
3
Open-Drain Charge Status Output. When the battery is charging, the STAT pin is pulled low by an
internal N-channel MOSFET. When the charge cycle is completed, a weak pull-down of
approximately 20µA is connected to the STAT pin, indicating an “AC present” condition. When the
LP28011 detects an under voltage lockout condition, STAT is forced high impedance.
NC
4
No connector.
VSS
5,7,8,11
VSS is the connection to system ground.
ISET
6
Charge Current Program, Charge Current Monitor and Shutdown Pin. The charge current is pro-
grammed by connecting a 1% resistor(R
PROG)to ground. When charging in constant-current mode, this
pin servos to 1V. In all modes, the voltage on this pin can be used to measure the charge current using
the following formula:
I
BAT
= (V
PROG
/R
PROG
) • 830
The PROG pin can also be used to shut down the charger. Disconnecting the program resistor from
ground allows a 3µA current to pull the PROG pin high. When it reaches the 1.21V shutdown
threshold voltage, the charger enters shutdown mode, charging stops and the input supply current
drops to 25µA. This pin is also clamped to approximately 2.4V. Driving this pin to voltages beyond
the clamp voltage will draw currents as high as 1.5mA. Reconnecting R
PROG to ground will return the
charger to normal operation.
VBAT
9,10
VBAT is the connection to the battery. Typically a 1µF Tantalum capacitor is needed for stability
when there is no battery attached. When a battery is attached, only a 0.1µF ceramic capacitor is
required.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com