Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM2575 Datasheet(PDF) 2 Page - Motorola, Inc

Part # LM2575
Description  EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2575 Datasheet(HTML) 2 Page - Motorola, Inc

  LM2575 Datasheet HTML 1Page - Motorola, Inc LM2575 Datasheet HTML 2Page - Motorola, Inc LM2575 Datasheet HTML 3Page - Motorola, Inc LM2575 Datasheet HTML 4Page - Motorola, Inc LM2575 Datasheet HTML 5Page - Motorola, Inc LM2575 Datasheet HTML 6Page - Motorola, Inc LM2575 Datasheet HTML 7Page - Motorola, Inc LM2575 Datasheet HTML 8Page - Motorola, Inc LM2575 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LM2575
2
MOTOROLA ANALOG IC DEVICE DATA
Figure 1. Block Diagram and Typical Application
7.0 V – 40 V
Unregulated
DC Input
L1
330
µH
Gnd
+Vin
1
Cin
100
µF
3ON/OFF
5
Output
2
Feedback
4
D1
1N5819
Cout
330
µF
Typical Application (Fixed Output Voltage Versions)
Representative Block Diagram and Typical Application
Unregulated
DC Input
+Vin
1
Cout
Feedback
4
Cin
L1
D1
R2
R1
1.0 k
Output
2
Gnd
3
ON/OFF
5
Reset
Latch
Thermal
Shutdown
52 kHz
Oscillator
1.235 V
Band–Gap
Reference
Freq
Shift
18 kHz
Comparator
Fixed Gain
Error Amplifier
Current
Limit
Driver
1.0 Amp
Switch
ON/OFF
3.1 V Internal
Regulator
Regulated
Output
Vout
Load
Output
Voltage Versions
3.3 V
5.0 V
12 V
15 V
R2
(
Ω)
1.7 k
3.1 k
8.84 k
11.3 k
For adjustable version
R1 = open, R2 = 0
Ω
LM2575
5.0 V Regulated
Output 1.0 A Load
This device contains 162 active transistors.
ABSOLUTE MAXIMUM RATINGS (Absolute Maximum Ratings indicate limits beyond
which damage to the device may occur.)
Rating
Symbol
Value
Unit
Maximum Supply Voltage
Vin
45
V
ON/OFF Pin Input Voltage
–
–0.3 V
≤ V ≤ +Vin
V
Output Voltage to Ground (Steady–State)
–
–1.0
V
Power Dissipation
Case 314B and 314D (TO–220, 5–Lead)
PD
Internally Limited
W
Thermal Resistance, Junction–to–Ambient
R
θJA
65
°C/W
Thermal Resistance, Junction–to–Case
R
θJC
5.0
°C/W
Case 936A (D2PAK)
PD
Internally Limited
W
Thermal Resistance, Junction–to–Ambient
(Figure 34)
R
θJA
70
°C/W
Thermal Resistance, Junction–to–Case
R
θJC
5.0
°C/W
Storage Temperature Range
Tstg
–65 to +150
°C
Minimum ESD Rating (Human Body Model: C
= 100 pF, R = 1.5 k
Ω)
–
3.0
kV
Lead Temperature (Soldering, 10 s)
–
260
°C
Maximum Junction Temperature
TJ
150
°C
NOTE:
ESD data available upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com