Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC18F87J10 Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC18F87J10
Description  64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F87J10 Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC18F87J10 Datasheet HTML 52Page - Microchip Technology PIC18F87J10 Datasheet HTML 53Page - Microchip Technology PIC18F87J10 Datasheet HTML 54Page - Microchip Technology PIC18F87J10 Datasheet HTML 55Page - Microchip Technology PIC18F87J10 Datasheet HTML 56Page - Microchip Technology PIC18F87J10 Datasheet HTML 57Page - Microchip Technology PIC18F87J10 Datasheet HTML 58Page - Microchip Technology PIC18F87J10 Datasheet HTML 59Page - Microchip Technology PIC18F87J10 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 410 page
background image
PIC18F87J10 FAMILY
DS39663F-page 54
© 2009 Microchip Technology Inc.
INDF2
PIC18F6XJ1X PIC18F8XJ1X
N/A
N/A
N/A
POSTINC2
PIC18F6XJ1X PIC18F8XJ1X
N/A
N/A
N/A
POSTDEC2
PIC18F6XJ1X PIC18F8XJ1X
N/A
N/A
N/A
PREINC2
PIC18F6XJ1X PIC18F8XJ1X
N/A
N/A
N/A
PLUSW2
PIC18F6XJ1X PIC18F8XJ1X
N/A
N/A
N/A
FSR2H
PIC18F6XJ1X PIC18F8XJ1X
---- xxxx
---- uuuu
---- uuuu
FSR2L
PIC18F6XJ1X PIC18F8XJ1X
xxxx xxxx
uuuu uuuu
uuuu uuuu
STATUS
PIC18F6XJ1X PIC18F8XJ1X
---x xxxx
---u uuuu
---u uuuu
TMR0H
PIC18F6XJ1X PIC18F8XJ1X
0000 0000
0000 0000
uuuu uuuu
TMR0L
PIC18F6XJ1X PIC18F8XJ1X
xxxx xxxx
uuuu uuuu
uuuu uuuu
T0CON
PIC18F6XJ1X PIC18F8XJ1X
1111 1111
1111 1111
uuuu uuuu
OSCCON
PIC18F6XJ1X PIC18F8XJ1X
0--- q-00
0--- q-00
u--- q-uu
WDTCON
PIC18F6XJ1X PIC18F8XJ1X
---- ---0
---- ---0
---- ---u
RCON(4)
PIC18F6XJ1X PIC18F8XJ1X
0--1 1100
0--q qquu
u--u qquu
TMR1H
PIC18F6XJ1X PIC18F8XJ1X
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1L
PIC18F6XJ1X PIC18F8XJ1X
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
PIC18F6XJ1X PIC18F8XJ1X
0000 0000
u0uu uuuu
uuuu uuuu
TMR2
PIC18F6XJ1X PIC18F8XJ1X
0000 0000
0000 0000
uuuu uuuu
PR2
PIC18F6XJ1X PIC18F8XJ1X
1111 1111
1111 1111
1111 1111
T2CON
PIC18F6XJ1X PIC18F8XJ1X
-000 0000
-000 0000
-uuu uuuu
SSP1BUF
PIC18F6XJ1X PIC18F8XJ1X
xxxx xxxx
uuuu uuuu
uuuu uuuu
SSP1ADD
PIC18F6XJ1X PIC18F8XJ1X
0000 0000
0000 0000
uuuu uuuu
SSP1STAT
PIC18F6XJ1X PIC18F8XJ1X
0000 0000
0000 0000
uuuu uuuu
SSP1CON1
PIC18F6XJ1X PIC18F8XJ1X
0000 0000
0000 0000
uuuu uuuu
SSP1CON2
PIC18F6XJ1X PIC18F8XJ1X
0000 0000
0000 0000
uuuu uuuu
ADRESH
PIC18F6XJ1X PIC18F8XJ1X
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADRESL
PIC18F6XJ1X PIC18F8XJ1X
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
PIC18F6XJ1X PIC18F8XJ1X
0-00 0000
0-00 0000
u-uu uuuu
ADCON1
PIC18F6XJ1X PIC18F8XJ1X
--00 0000
--00 0000
--uu uuuu
ADCON2
PIC18F6XJ1X PIC18F8XJ1X
0-00 0000
0-00 0000
u-uu uuuu
TABLE 5-2:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
4: See Table 5-1 for Reset value for specific condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com