Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACT5830 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT5830
Description  Twelve Channel PMU for Mobile Phones
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT5830 Datasheet HTML 1Page - Active-Semi, Inc ACT5830 Datasheet HTML 2Page - Active-Semi, Inc ACT5830 Datasheet HTML 3Page - Active-Semi, Inc ACT5830 Datasheet HTML 4Page - Active-Semi, Inc ACT5830 Datasheet HTML 5Page - Active-Semi, Inc ACT5830 Datasheet HTML 6Page - Active-Semi, Inc ACT5830 Datasheet HTML 7Page - Active-Semi, Inc ACT5830 Datasheet HTML 8Page - Active-Semi, Inc ACT5830 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
FEATURES
Multiple Patents Pending
350mA, PWM Step-Down DC/DC Converter
Eight I2C-Programmable, Low Noise LDOs
Three Optimized for RF Section Power
Five Optimized for BB Section Power
Li+ Battery Charger with Integrated MOSFET
Charger Current Monitor Output (VICHG)
Charger ON/OFF Control Pin
Two N-channel Open Drain Switches
Minimal External Components
I2CTM Serial Interface
Configurable Operating Modes
AC-OK and RESET Outputs
5×5mm, Thin-QFN (TQFN55-40) Package
Only 0.75mm Height
RoHS Compliant
APPLICATIONS
GSM or CDMA Mobile Phones
GENERAL DESCRIPTION
The patent-pending ACT5830 is a complete, inte-
grated power management solution that is ideal for
mid-high and mobile phones. This device integrates
a linear Li+ battery charger with an internal power
MOSFET, a high efficiency 350mA DC/DC con-
verter, eight low dropout linear regulators, a reset
output, and two N-Channel open drain switches,
and an I2C Serial Interface to achieve flexibility for
programming LDO outputs and individual on/off
control.
The charger is a complete, thermally-regulated,
stand-alone single-cell linear Li+ battery charger
that incorporates an internal power MOSFET
for constant-current/constant-voltage control. The
charger includes a variety of value-added features,
and it is programmable via the I2C-Interface to con-
trol charging current, termination voltage, along with
safety features and operation modes.
The ACT5830 is available in a compact 5mm x
5mm 40-pin Thin-QFN package that is just 0.75mm
thin.
Pb-free
ACT5830
Rev PrB, 05-Mar-08
Advanced Product Information―All Information Subject to Change
Twelve Channel PMU for Mobile Phones
SCL
PWR_ON
VICHG
ACOK
SDA
TX_EN
System
Control
PWR_HOLD
Single Cell
Li+ Battery Charger
1.1V to 4.4V
Up to 350mA
Open-Drain
Drivers
Low-Noise LDOs
LDO1
LDO4
LDO5
Single Cell Li+
Battery Charger
CHG_IN
nENCHG
nON
HF_PWR
RX_EN
TCXO_EN
OD1
OD2
ODI1
ODI2
nRST
ACT5830
LDO2
LDO3
LDO7
LDO8
LDO6
1.4V to 3.7V
Up to 300mA
1.4V to 3.7V
Up to 300mA
1.4V to 3.7V
Up to 100mA
1.4V to 3.7V
Up to 100mA
1.4V to 3.7V
Up to 150mA
1.4V to 3.7V
Up to 150mA
0.645V to 3.7V
Up to 250mA
1.4V to 3.7V
Up to 250mA
REG
Step-Down
DC/DC
TM
PMU
PMU
Active
SYSTEM BLOCK DIAGRAM


Similar Part No. - ACT5830

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT5830 ACTIVE-SEMI-ACT5830 Datasheet
74Kb / 2P
Twelve Channel Integrated Power Management IC for Mobile Handsets
21-Nov-07
ACT5830 ACTIVE-SEMI-ACT5830 Datasheet
774Kb / 41P
Twelve Channel PMU for Mobile Phones
Rev 2, 20-Jan-11
ACT5830QJ182-T ACTIVE-SEMI-ACT5830QJ182-T Datasheet
774Kb / 41P
Twelve Channel PMU for Mobile Phones
Rev 2, 20-Jan-11
ACT5830QJ1CF-T ACTIVE-SEMI-ACT5830QJ1CF-T Datasheet
774Kb / 41P
Twelve Channel PMU for Mobile Phones
Rev 2, 20-Jan-11
ACT5830 ACTIVE-SEMI-ACT5830_11 Datasheet
774Kb / 41P
Twelve Channel PMU for Mobile Phones
Rev 2, 20-Jan-11
More results

Similar Description - ACT5830

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7826FVM ROHM-BH7826FVM Datasheet
107Kb / 3P
Audio driver IC for mobile phones
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
Power Management Unit for Mobile Phones
logo
Active-Semi, Inc
ACT5810 ACTIVE-SEMI-ACT5810 Datasheet
130Kb / 2P
Nine Channel PMU for Mobile Phones
28-Aug-07
ACT5830 ACTIVE-SEMI-ACT5830 Datasheet
74Kb / 2P
Twelve Channel Integrated Power Management IC for Mobile Handsets
21-Nov-07
logo
Rohm
BD6183GUL ROHM-BD6183GUL Datasheet
560Kb / 35P
System LED Drivers for Mobile Phones
BD6184GUL ROHM-BD6184GUL Datasheet
603Kb / 38P
System LED Drivers for Mobile Phones
logo
Active-Semi, Inc
ACT5830 ACTIVE-SEMI-ACT5830_11 Datasheet
774Kb / 41P
Twelve Channel PMU for Mobile Phones
Rev 2, 20-Jan-11
logo
Shanghai Leiditech Elec...
SD1271D3W LEIDITECH-SD1271D3W Datasheet
707Kb / 3P
Mobile Phones and Accessories
SD3671D3W LEIDITECH-SD3671D3W Datasheet
759Kb / 3P
Mobile Phones and Accessories
logo
Sangdest Microelectroni...
SMP1005-01ETG SMC-SMP1005-01ETG Datasheet
277Kb / 5P
Mobile Phones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com