Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSFP3N80 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SSFP3N80
Description  StarMOST Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSFP3N80 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SSFP3N80 Datasheet HTML 1Page - GOOD-ARK Electronics SSFP3N80 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SSFP3N80
StarMOS
T Power MOSFET
Electrical Characteristics @TJ=25
ْC(unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Test Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
800
V
VGS=0V,ID=250
μA
△V(BR)DSS/△TJ Breakdown Voltage Temp.Coefficient
1.0
V/
ْC Reference to 25ْC,ID=250μA
RDS(on)
Static Drain-to-Source On-resistance
4.0
4.8
Ω VGS=10V,ID=1.5A
VGS(th)
Gate Threshold Voltage
3.0
5.0
V
VDS=VGS,ID=250
μA
gfs
Forward Transconductance
3.0
S
VDS=50V,ID=1.5A
10
VDS=800V,VGS=0V
IDSS
Drain-to-Source Leakage current
100
μA
VDS=640V,VGS=0V,TJ=150
ْC
Gate-to-Source Forward leakage
100
VGS=30V
IGSS
Gate-to-Source Reverse leakage
-100
nA
VGS=-30V
Qg
Total Gate Charge
13
16.5
Qgs
Gate-to-Source charge
3.4
Qgd
Gate-to-Drain("Miller") charge
5.8
nC
ID=3A
VDS=640V
VGS=10V
td(on)
Turn-on Delay Time
15
40
tr
Rise Time
43.5
95
td(off)
Turn-Off Delay Time
22.5
55
tf
Fall Time
32
75
nS
VDD=400V
ID=3A
RG=25
LD
Internal Drain Inductance
4.5
LS
Internal Source Inductance
7.5
nH
Between lead,
6mm(0.25in.)
from
package
and center of
die contact
Ciss
Input Capacitance
543
705
Coss
Output Capacitance
54
70
Crss
Reverse Transfer Capacitance
5.5
7.5
pF
VGS=0V
VDS=25V
f
=1.0MHZ
Source-Drain Ratings and Characteristics
Parameter
Min.
Typ.
Max.
Units
Test Conditions
IS
Continuous Source Current
.
(Body Diode)
3.0
ISM
Pulsed Source Current
.
(Body Diode)
12
A
MOSFET symbol
showing the
integral reverse
p-n junction diode.
VSD
Diode Forward Voltage
1.4
V
TJ=25
ْC,IS=3.0A,VGS=0V ④
trr
Reverse Recovery Time
642
nS
Qrr
Reverse Recovery Charge
4.0
nC
TJ=25
ْC,IF=3.0A
di/dt=100A/
μs ④
ton
Forward Turn-on Time
Intrinsic turn-on time is negligible (turn-on is dominated by Ls + LD)
Notes:
① Repetitive rating;pulse width limited by
③ ISD≤3.0A,di/dt≤200A/μS,VDD≤V(BR)DSS,
max.junction temperature(see figure 11)
TJ≤25
ْ C
L = 67mH, IAS = 3.0A, VDD = 50V,
④ Pulse width≤300μS; duty cycle≤2%
RG = 25
, Starting TJ = 25°C
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com