Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSF6808 Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSF6808
Description  Power switching application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF6808 Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSF6808 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF6808 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF6808 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF6808 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF6808 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSF6808
©Silikron Semiconductor CO.,LTD.
2008.8.1
Version : 1.0
page
1of5
Absolute Maximum Ratings
Parameter
Max.
Units
ID@Tc=25ْC
Continuous drain current,VGS@10V
110
ID@Tc=100ْC
Continuous drain current,VGS@10V
80
IDM
Pulsed drain current ①
400
A
PD@TC=25ْC
Power dissipation
150
W
Linear derating factor
2.0
W/ْC
VGS
Gate-to-Source voltage
±20
V
dv/dt
Peak diode recovery voltage
31
v/ns
EAS
Single pulse avalanche energy ②
480
mJ
EAR
Repetitive avalanche energy
TBD
TJ
TSTG
Operating Junction and
Storage Temperature Range
–55 to +150
ْC
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-case
0.83
RθJA
Junction-to-ambient
62
ْC/W
Electrical Characteristics @TJ=25 ْC(unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Test Conditions
BVDSS
Drain-to-Source breakdown voltage
55
V
VGS=0V,ID=250μA
RDS(on)
Static Drain-to-Source on-resistance
6
8
mΩ
VGS=10V,ID=68A
VGS(th)
Gate threshold voltage
2.0
3
4.0
V
VDS=VGS,ID=250μA
gfs
Forward transconductance
-
58
S
VDS=5V,ID=30A
1
VDS=55V,VGS=0V
IDSS
Drain-to-Source leakage current
10
μA
VDS=55V,
VGS=0V,TJ=150ْC
IGSS
Gate-to-Source forward leakage
100
nA
VGS=20V
SSF6808 TOP View (TO220)
ID =110A
BV=55V
Rdson=8mohm
Feathers:
Advanced trench process technology
Ultra low Rdson, typical 6mohm
High avalanche energy, 100% test
Fully characterized avalanche voltage and current
Description:
The SSF6808 is a new generation of middle voltage and high
current N–Channel enhancement mode trench power
MOSFET. This new technology increases the device reliability
and electrical parameter repeatability. SSF6808 is assembled
in high reliability and qualified assembly house.
Application:
Power switching application


Similar Part No. - SSF6808

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF6808 GOOD-ARK-SSF6808 Datasheet
961Kb / 5P
68V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF68083X SILIKRON-SSF68083X Datasheet
848Kb / 8P
Advanced MOSFETprocess technology
SSF6808A SILIKRON-SSF6808A Datasheet
466Kb / 5P
Advanced trench process technology
logo
GOOD-ARK Electronics
SSF6808A GOOD-ARK-SSF6808A Datasheet
1,000Kb / 5P
68V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF6808A3X SILIKRON-SSF6808A3X Datasheet
966Kb / 8P
Advanced MOSFETprocess technology
More results

Similar Description - SSF6808

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF6807 SILIKRON-SSF6807 Datasheet
339Kb / 5P
Power switching application
SSF7509 SILIKRON-SSF7509 Datasheet
359Kb / 5P
Power switching application
SSF7510 SILIKRON-SSF7510 Datasheet
335Kb / 5P
Power switching application
SSF1016 SILIKRON-SSF1016 Datasheet
338Kb / 5P
Power switching application
SSF1020 SILIKRON-SSF1020 Datasheet
335Kb / 5P
Power switching application
SSF5508 SILIKRON-SSF5508 Datasheet
313Kb / 5P
Power switching application
SSF6008 SILIKRON-SSF6008 Datasheet
339Kb / 5P
Power switching application
SSF6010 SILIKRON-SSF6010 Datasheet
298Kb / 5P
Power switching application
SSF6014 SILIKRON-SSF6014 Datasheet
298Kb / 5P
Power switching application
logo
Shenzhen Huazhimei Semi...
HM25N06Q HMSEMI-HM25N06Q Datasheet
681Kb / 6P
Power switching application
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com