Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPR121QR2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPR121QR2
Description  Proximity Capacitive Touch Sensor Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121QR2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPR121QR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MPR121
Sensors
Freescale Semiconductor
7
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Absolute maximum ratings are stress ratings only, and functional operation at the maxima is not guaranteed. Stress beyond the
limits specified in Table 2 may affect device reliability or cause permanent damage to the device. For functional operating
conditions, refer to the remaining tables in this section. This device contains circuitry protecting against damage due to high static
voltage or electrical fields; however, it is advised that normal precautions be taken to avoid application of any voltages higher
than maximum-rated voltages to this high-impedance circuit.
ESD AND LATCH-UP PROTECTION CHARACTERISTICS
Normal handling precautions should be used to avoid exposure to static discharge.
Qualification tests are performed to ensure that these devices can withstand exposure to reasonable levels of static without
suffering any permanent damage. During the device qualification ESD stresses were performed for the Human Body Model
(HBM), the Machine Model (MM) and the Charge Device Model (CDM).
A device is defined as a failure if after exposure to ESD pulses the device no longer meets the device specification. Complete
DC parametric and functional testing is performed per the applicable device specification at room temperature followed by hot
temperature, unless specified otherwise in the device specification.
Table 2. Absolute Maximum Ratings - Voltage (with respect to VSS)
Rating
Symbol
Value
Unit
Supply Voltage
VDD
-0.3 to +3.6
V
Supply Voltage
VREG
-0.3 to +2.75
V
Input Voltage
SCL, SDA, IRQ
VIN
VSS - 0.3 to VDD + 0.3
V
Operating Temperature Range
TO
-40 to +85
°C
GPIO Source Current per Pin
iGPIO
12
mA
GPIO Sink Current per Pin
iGPIO
1.2
mA
Storage Temperature Range
TS
-40 to +125
°C
Table 3. ESD and Latch-up Test Conditions
Rating
Symbol
Value
Unit
Human Body Model (HBM)
VESD
±2000
V
Machine Model (MM)
VESD
±200
V
Charge Device Model (CDM)
VESD
±500
V
Latch-up current at TA = 85°C
ILATCH
±100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com