Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPR032EPR2 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MPR032EPR2
Description  Proximity Capacitive Touch Sensor Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR032EPR2 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MPR032EPR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPR032EPR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPR032EPR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPR032EPR2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPR032EPR2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPR032EPR2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPR032EPR2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPR032EPR2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPR032EPR2 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
MPR03X
Sensors
20
Freescale Semiconductor
8Filtering
8.1
Introduction
The MPR03X has three levels of filtering. The first and second level filters will allow the application to condition the signal for
undesired input variation. The third level filter can be configured to reject touch stimulus and be used as a baseline for touch
detection. Each level of filtering will be further described in this section.
8.2
First Level
The first level filter is designed to filter high frequency noise by averaging samples taken over short periods of time. The number
of samples can be configured to equal a set of values ranging from 6 to 34 samples. This value is set by the FFI in the AFE
Configuration Register (Section 7.4.1). The timing of this filter is determined by the configuration of the electrode charge time in
the Filter Configuration Register (Section 8.3.1).
Note that the electrode charge time must be configured for the capacitance in the application. The resulting value will affect the
period of the first level filter.
8.3
Second Level
The second level filter is designed to filter low frequency noise and reject false touches due to inconsistent data. The number of
samples can be configured to equal a set of values ranging from 4 to 18. This value is set by the SFI in the Filter Configuration
Register (Section 8.3.1). The timing of this filter is determined by the configuration of ESI in the Filter Configuration Register
(Section 8.3.1).
Note that the ESI (Electrode Sample Interval) must be configured to accommodate the low power requirements of a system.
Thus, the resulting value will affect the period of the second level filter.
The raw data from the second level of filtering is output in the Filtered Data High and Filtered Data Low registers, as shown in
Section 5.3.
8.3.1
Filter Configuration Register
The Filter Configuration register is used to set. The address of the Electrode Configuration Register is 0x43.
Figure 26. Filter Configuration Register
7
6
543210
R
CDT
SFI
ESI
W
Reset:
0
0
000000
= Unimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com