Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NJU7086 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU7086
Description  High-Power & Low-Voltage Stereo Audio Power Amplifier with Electronic Volume
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7086 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU7086 Datasheet HTML 3Page - New Japan Radio NJU7086 Datasheet HTML 4Page - New Japan Radio NJU7086 Datasheet HTML 5Page - New Japan Radio NJU7086 Datasheet HTML 6Page - New Japan Radio NJU7086 Datasheet HTML 7Page - New Japan Radio NJU7086 Datasheet HTML 8Page - New Japan Radio NJU7086 Datasheet HTML 9Page - New Japan Radio NJU7086 Datasheet HTML 10Page - New Japan Radio NJU7086 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NJU7086
- 7 -
19-May-09
TIMING ON THE I2C BUS (SDA,SCL)
CHARACTERISTICS OF I/O STAGES FOR I2C BUS (SDA,SCL)
I
2C BUS Load Conditions
STANDARD MODE
: Pull up resistance 4k
Ω (Connected to +5V), Load capacitance 200pF (Connected to GND)
FAST MODE
: Pull up resistance 4k
Ω (Connected to +5V), Load capacitance 50pF (Connected to GND)
Standard mode
Fast mode
PARAMETER
SYMBO
L
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNIT
Low Level Input Voltage
VIL
0.0
-
0.25V
+
0.0
-
0.25V
+
V
High Level Input Voltage
VIH
0.75V
+
V
+
0.75V
+
V
+
V
Low level output voltage (3mA at SDA pin)
VOL
0
-
0.4
0
-
0.4
V
Input current each I/O pin with an input voltage
between 0.1VDD and 0.9VDDmax
Ii
-10
-
10
-10
-
10
µA
SDA
tf
tHD:STA
tLOW
tr
tHD:DAT
tHIGH
tf
tSU:DAT
S
tSU:STA
tHD:STA
tSP
tSU:STO
Sr
tr
tBUF
P
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com