Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NJU8789 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJU8789
Description  Monaural BTL Output Clock-less Switching Driver for Class D Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU8789 Datasheet(HTML) 6 Page - New Japan Radio

  NJU8789 Datasheet HTML 1Page - New Japan Radio NJU8789 Datasheet HTML 2Page - New Japan Radio NJU8789 Datasheet HTML 3Page - New Japan Radio NJU8789 Datasheet HTML 4Page - New Japan Radio NJU8789 Datasheet HTML 5Page - New Japan Radio NJU8789 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NJU8789
APPLICATION CIRCUIT
IN(2)
Signal
220µH
1µF
Control
Logic Power
OUTN(7)
OUTP(9)
STBYb(5)
VDDO(8)
Output Power
VDD(1)
0.1µF
10µF
TEST(4)
10µF
VSS(6or10)
+
+
LO
8Ω
Speaker
Note 4) De-coupling capacitors must be connected between each power supply terminal and GND terminal.
Note 5) The power supply for VDDO requires fast driving response performance such as a switching regulator
for T.H.D.
Note 6) The above circuit shows only application example and does not guarantee the any electrical
characteristics. Therefore, please consider and check the circuit carefully to fit your application.
Note 7) VDD and VDDO must be applied with conbecting to VSS in STBYb must be connected to VSS.
Note 8) STBYb must be connected to VSS when applying voltage to VDD and VDDO.
Note 9) It is necessary to connect the Coil(Lo) to OUTN or OUTP terminal and Speaker for low power
consumption of the NJU8789.
Note 10)(1) to (10) indicates pin numbers.
.
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.
- 6 -
- 6 -
Ver.2009-01-21



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com