Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MC33596FCE/R2 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MC33596FCE/R2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
Receive Mode
MC33596 Data Sheet, Rev. 4
Freescale Semiconductor
13
11.1.2 Data Manager Disabled and Strobe Oscillator Enabled
Raw received data is sent directly on the MOSI line. Figure 4 shows the state diagram.
Figure 4. Receive Mode, DME = 0, SOE = 1
•
State 0:
The receiver is off, but the strobe oscillator and the off counter are running. Forcing the STROBE
pin low freezes the strobe oscillator and maintains the system in this state.
•
State 0b:
If STROBE pin is set to high level or the off counter reaches the ROFF value, the receiver is on.
Raw data is output on the MOSI line.
For all states: At any time, a low level applied to CONFB forces the state machine to state 1, configuration
mode.
11.2 Data Manager Enabled (DME=1)
The data manager is enabled. The SPI is master. The MC33596 sends the recovered clock on SCLK and
the received data on the MOSI line. Data is valid on falling edges of SCLK.
If an even number of bytes is received, the data manager may add an extra byte. The content of this extra
byte is random. If the data received do not fill an even number of bytes, the data manager will fill the last
byte randomly. Figure 5 shows a typical transfer.
STROBE = 0
STROBE = 1
STROBE = 0
SPI Deselected
Off Counter = ROFF[2:0]
or STROBE = 1
On Counter = RON[3:0]
and STROBE different than 1
State 0
Off
State 0b
On
Raw Data on MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com