Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

33784 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33784
Description  DSI 2.02 Sensor Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33784 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33784 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33784
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions -0.3V
≤ VBUSIN ≤ 30V, 6.0V ≤ VH_CAP ≤ 30V, -40°C ≤ TA ≤ 125°C,
RTNIN=AGND = 0V, unless otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under
nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Internal Quiescent Current Drain
VH_CAP = 25V, I/O = Input
IQ
–
–
4.0
mA
BUSIN to H_CAP Rectifier Voltage Drop
IHCAP = 15mA
IHCAP = 100mA
VRECT
–
–
0.75
0.9
1.00
1.4
V
H_CAP Diode Efficiency(4)
IHCAP = 400mA, BUSIN = 25V
99
–
–
%
BUSIN Bias Current
VBUSIN = 8.0V, VH_CAP = 9.0V
VBUSIN = 4.5V, VH_CAP = 9.0V when device is not signalling
IBIAS
-100
-100
–
100
100
μA
Rectifier Leakage Current
VBUSIN = 0V, VH_CAP = 25V
IRLKG
-20
–
20
μA
REGOUT
5.8V
< VH_CAP ≤ 25V, 0 ≤ IRO ≤ 14mA
VRO
4.9
5.0
5.1
V
REGOUT Line Regulation
IRO = 14mA, 6.0V ≤ VH CAP ≤ 25V
IRO is the total internal and external load current
VRLINE
–
–
20
mV
REGOUT Load Regulation
0
≤ IRO ≤ 14mA, 6.0V ≤ VH CAP ≤ 25V,
VRLD
–
–
15
mV
REGOUT Transient Line Regulation(5)
IRO = 14mA, 0 V ≤ VBUSIN ≤ 30 V, 8V/us @ BUSIN, or, 5V/us @
HCAP
CRO = 2.2 uF, CRO ESR = 0.063-2.2Ω @ 20kHz,
0.004-0.072
Ω @ 200kHz
–
–
(25)
mV
REGOUT Transient Load Regulation(5)
0
≤ IRO ≤ 14mA, 6.0V ≤ VH CAP ≤ 25V, 2mA/us @ IRO,
CRO = 2.2uF, CRO ESR = 0.063-2.2Ω @ 20kHz,
0.004-0.072
Ω @ 200kHz
–
–
(50)
mV
REGOUT Current Limit, VREGOUT = 0V
ILMT
25
35
45
mA
Hi-side Bus Switch Resistance
0
≤ VBUSIN ≤ 30V, ISWH = 160mA (Bus Switch Active)
RSWH
–
3.0
6.0
Ω
Low-side Bus Switch Resistance
ISWL = 160mA (Bus Switch Active)
RSWL
–
3.0
6.0
Ω
Notes
4.
EFF = 400mA/IBUSIN - IQ
5.
Assured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com