Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC3003 Datasheet(PDF) 68 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 68 Page - Micrel Semiconductor

Back Button MIC3003 Datasheet HTML 64Page - Micrel Semiconductor MIC3003 Datasheet HTML 65Page - Micrel Semiconductor MIC3003 Datasheet HTML 66Page - Micrel Semiconductor MIC3003 Datasheet HTML 67Page - Micrel Semiconductor MIC3003 Datasheet HTML 68Page - Micrel Semiconductor MIC3003 Datasheet HTML 69Page - Micrel Semiconductor MIC3003 Datasheet HTML 70Page - Micrel Semiconductor MIC3003 Datasheet HTML 71Page - Micrel Semiconductor MIC3003 Datasheet HTML 72Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
68
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Signal Detect Threshold (LOSFLTn)
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default value
0000 0000b = 00h
Serial address
A6h
Byte address
23 = 17h
This eight-bit register works in conjunction with the LOSFLT register to provide hysteresis and control the operation of the loss of
signal comparator. The comparator’s output, RXLOS, is asserted when the input on VRX falls below the level in LOSFLT. The
output will then be deasserted when the VRX signal rises above the level in LOSFLTn.
The input signal is subject to scaling by the RXPOT. If the LOS comparator is disabled, i.e., LOSDIS = 1, this register is ignored.
A valid OEM password is required for access to this register. This register is non-volatile and will be maintained through power
and reset cycles.
RX EEPOT Tap Selection (RXPOT)
D[7]
reserved
read-only
D[6]
reserved
read-only
D[5]
reserved
read-only
D[4]
RXPOT[4]
read/write
D[3]
RXPOT[3]
read/write
D[2]
RXPOT[2]
read/write
D[1]
RXPOT[1]
read/write
D[0]
RXPOT[0]
read/write
Default value
0000 0000b = 00h
Serial address
A6h
Byte address
24 = 18h
This register is non-volatile and will be maintained through power and reset cycles. A valid OEM password is required for access
to these registers.
Bit(s)
Function
Operation
D[7:5]
Reserved
Reserved. Always write as zero; reads return zeros.
D[4:0]
RXPOT tap selection:
Adjust gain of the receive power measurement:
00000 = No divider action
00001 = 31/32
00010 = 30/32
•
•
•
11110 = 2/32
11111 = 1/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com