Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC3003GML Datasheet(PDF) 42 Page - Micrel Semiconductor

Part # MIC3003GML
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003GML Datasheet(HTML) 42 Page - Micrel Semiconductor

Back Button MIC3003GML Datasheet HTML 38Page - Micrel Semiconductor MIC3003GML Datasheet HTML 39Page - Micrel Semiconductor MIC3003GML Datasheet HTML 40Page - Micrel Semiconductor MIC3003GML Datasheet HTML 41Page - Micrel Semiconductor MIC3003GML Datasheet HTML 42Page - Micrel Semiconductor MIC3003GML Datasheet HTML 43Page - Micrel Semiconductor MIC3003GML Datasheet HTML 44Page - Micrel Semiconductor MIC3003GML Datasheet HTML 45Page - Micrel Semiconductor MIC3003GML Datasheet HTML 46Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
42
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
TX Optical Power Low Alarm Threshold
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default value for both bytes
0000 0000b = 00h (0 mW)
Serial address
A2h
Byte addresses
MS byte (TXMINh): 26 = 1Ah
LS byte (TXMINl): 27 = 1Bh
Each LS bit of TXMINh represents 25.6
μW, and each LS bit of TXMINl represents 0.1 μW. The sixteen-bit threshold value
(TXMINh:TXMINl) is compared,to the sixteen-bit value of the TX power reading (TXOPh:TXOPl). ALARM0 bit 0 is set if
Result < Threshold.
RX Optical Power High Alarm Threshold
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default value for both bytes
0000 0000b = 00h (0 mW)
Serial address
A2h
Bytes addresses
MS byte (RXMAXh): 32 = 20h
LS byte (RXMAXl): 33 = 21h
Each LS bit of RXMAXh represents 25.6
μW, and each LS bit of RXMAXl represents 0.1 μW. The sixteen-bit threshold value
(RXMAXh:RXMAXl) is compared to the sixteen-bit value of the RX power result (RXOPh:RXOPl). ALARM1 bit 7 is set if
Result > Threshold.
RX Optical Power Low Alarm Threshold
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default value for both bytes
0000 0000b = 00h (0mW)
Serial Address
A2h
Byte Address
MS byte (RXMINh): 34 = 22h
LS byte (RXMINl): 35 = 23h
Each LSB of RXMINh represents 25.6
μW, and each LS bit of RXMINl represents 0.1 μW. The sixteen-bit threshold value
(RXMINh:RXMINl) is compared to the sixteen-bit value of the RX power result (RXOPh:RXOPl). ALARM1 bit 6 is set if
Result < Threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com